| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Micross Components |
WBSC0303-10NF
|
223Kb / 1P |
Wire Bonding Silicon Vertical Capacitor
|
|
WBSC0303-10NF-50V
|
223Kb / 1P |
Wire Bonding Silicon Vertical Capacitor
|
 TT Electronics. |
PCR
|
362Kb / 3P |
Termination available for wire bonding or soldering
|
 Murata Manufacturing Co... |
935142050510-F1T
|
952Kb / 10P |
Wire bonding Vertical Silicon Capacitor WBSC / WLSC 0303 10nF BV100
Rev.2.01 |
|
935142831510-F1T
|
996Kb / 12P |
Wire bondable vertical Silicon Capacitor WBSC/WLSC 0202 10nF BV30
|
|
935142837522-F1T
|
1Mb / 11P |
Wire bonding Vertical Silicon Capacitor WBSC / WLSC 0402 22nF BV30
Rev.2.05 |
|
935146632410-F1T
|
943Kb / 11P |
Wire bonding Low profile vertical SiCap WLSC632.410 1nF/0101/BV50
Rev. 2.11 |
|
935148522310-F1T
|
597Kb / 7P |
Wire bonding vertical SiCap WASC522.310 (100pF/0101/BV>150V)
Rev. 2.0 |
|
935157425510-F1A
|
1Mb / 11P |
Ultra-Broadband wire bonding / EMbedding Silicon Capacitor UBEC425.510
Rev. 1.07 |
|
935242522447-F1T
|
770Kb / 8P |
Wire bonding vertical SiCap 4.7nF 0,5x2mm
Rev. 3.0 |