전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF1A 데이터시트 (PDF) - SUNMATE electronic Co., LTD

UF1A Datasheet PDF - SUNMATE electronic Co., LTD
부품명 UF1A
다운로드  UF1A 다운로드
파일 크기   137.74 Kbytes
페이지   2 Pages
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
상세설명 1.0A Surface Mount Ultra-Fast Rectifier

UF1A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
UF1A Datasheet PDF - SUNMATE electronic Co., LTD

부품명 UF1A
다운로드  UF1A Click to download

파일 크기   137.74 Kbytes
페이지   2 Pages
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
상세설명 1.0A Surface Mount Ultra-Fast Rectifier

UF1A 데이터시트 (HTML) - SUNMATE electronic Co., LTD


UF1A 제품 세부 정보

Features
● The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
● For surface mounted applications
● Ultra fast switching for high efficiency
● Low reverse leakage
● Built-in strain relief,ideal for automated placement
● High forward surge current capability
● High temperature soldering guaranteed: 250°C/10 seconds at terminals




유사한 부품 번호 - UF1A

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
UF1A PANJIT-UF1A Datasheet
70Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Surge Components
UF1A SURGE-UF1A Datasheet
75Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
UF1A TRSYS-UF1A Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
UF1A WTE-UF1A Datasheet
50Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shanghai Sunrise Electr...
UF1A SSE-UF1A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
More results


유사한 설명 - UF1A

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 11
US1JDFQ DIODES-US1JDFQ Datasheet
414Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev erse
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 3
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com