전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGC4703-FC 데이터시트 (PDF) - TriQuint Semiconductor

TGC4703-FC Datasheet PDF - TriQuint Semiconductor
부품명 TGC4703-FC_15
다운로드  TGC4703-FC 다운로드
파일 크기   340.83 Kbytes
페이지   11 Pages
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
상세설명 19 to 38 GHz Doubler

TGC4703-FC Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TGC4703-FC Datasheet PDF - TriQuint Semiconductor

부품명 TGC4703-FC_15
다운로드  TGC4703-FC Click to download

파일 크기   340.83 Kbytes
페이지   11 Pages
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
상세설명 19 to 38 GHz Doubler

TGC4703-FC 데이터시트 (HTML) - TriQuint Semiconductor




유사한 부품 번호 - TGC4703-FC_15

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
77 GHz Down Converting IQ Mixer
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
77 GHz Down Converting IQ Mixer
TGC4702-FC TRIQUINT-TGC4702-FC_15 Datasheet
239Kb / 13P
77 GHz Down Converting IQ Mixer
TGC4704-FC TRIQUINT-TGC4704-FC Datasheet
453Kb / 12P
38 to 77 GHz Doubler and Medium Power Amplifier
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
38 to 77 GHz Doubler and Medium Power Amplifier
More results


유사한 설명 - TGC4703-FC_15

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATR7039 ATMEL-ATR7039 Datasheet
219Kb / 8P
2.9 GHz to 5.8 GHz SiGe Frequency Doubler IC
logo
Hittite Microwave Corpo...
HMC899 HITTITE-HMC899 Datasheet
907Kb / 8P
FILTER - TUNABLE, BAND PASS 19 - 38 GHz
logo
California Eastern Labs
MC-7891 CEL-MC-7891 Datasheet
855Kb / 5P
1 GHz CATV 19 dB POWER DOUBLER AMPLIFIER
logo
TriQuint Semiconductor
TGA1073G-SCC TRIQUINT-TGA1073G-SCC_15 Datasheet
412Kb / 8P
19 to 27 GHz Medium Power Amplifier
TGA4036 TRIQUINT-TGA4036_15 Datasheet
303Kb / 11P
19 to 38 GHz Medium Power Amplifier
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
38 to 77 GHz Doubler and Medium Power Amplifier
logo
Teledyne Technologies I...
FDMP20401 TELEDYNE-FDMP20401 Datasheet
135Kb / 2P
2.0 TO 10.0 GHz: INPUT 4.0 TO 20.0 GHz: OUTPUT FREQUENCY DOUBLER
FDS6005 TELEDYNE-FDS6005 Datasheet
163Kb / 2P
0.05 TO 3.0 GHz: INPUT 0.1 to 6.0 GHz: OUTPUT SMTO-8 FREQUENCY DOUBLER
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
19 -38 GHz Medium Power Amplifier
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com