| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Zetex Semiconductors |
ZXTN5551G
|
335Kb / 8P |
160V, SOT223, NPN high voltage transistor
|
 Diodes Incorporated |
DXT5551P5_1011
|
137Kb / 7P |
160V NPN HIGH VOLTAGE TRANSISTOR
DS32066 Rev. 3 - 2 |
|
ZXTN5551G
|
346Kb / 8P |
160V, SOT223, NPN high voltage transistor
AUGUST 2007 |
|
FZT658TA
|
267Kb / 7P |
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 5 |
|
DXT5551P5
|
137Kb / 7P |
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 3 |
|
DXT5551
|
419Kb / 6P |
160V NPN TRANSISTOR IN SOT89
Rev 3 |
|
DZTA42
|
291Kb / 7P |
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6 |
|
FZT658
|
597Kb / 7P |
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6 |
|
DZT5551Q
|
492Kb / 7P |
160V NPN VOLTAGE TRANSISTOR IN SOT223
Rev 1 |
|
DZTA42Q
|
468Kb / 7P |
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 1 |