전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMVL809T1 데이터시트 (PDF) - Leshan Radio Company

MMVL809T1 Datasheet PDF - Leshan Radio Company
부품명 MMVL809T1
다운로드  MMVL809T1 다운로드
파일 크기   41.1 Kbytes
페이지   2 Pages
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
상세설명 Silicon Tuning Diode

MMVL809T1 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MMVL809T1 Datasheet PDF - Leshan Radio Company

부품명 MMVL809T1
다운로드  MMVL809T1 Click to download

파일 크기   41.1 Kbytes
페이지   2 Pages
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
상세설명 Silicon Tuning Diode

MMVL809T1 데이터시트 (HTML) - Leshan Radio Company


MMVL809T1 제품 세부 정보

Silicon Tuning Diode

This device is designed for 900 MHz frequency control and tuning applications. It provides solid–state reliability in replacement of mechanical tuning methods.

• Controlled and Uniform Tuning Ratio
• Surface Mount Package
• Available in 8 mm Tape and Reel
• Device Marking: 5K




유사한 부품 번호 - MMVL809T1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMVL809T1 ONSEMI-MMVL809T1 Datasheet
43Kb / 3P
Silicon Tuning Diode
February, 2006 ??Rev. 2
MMVL809T1G ONSEMI-MMVL809T1G Datasheet
43Kb / 3P
Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


유사한 설명 - MMVL809T1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
Silicon Tuning Diode
2007-04-20
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
Silicon Tuning Diode
2007-04-20
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com