전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6608CB-T 데이터시트 (PDF) - Intersil Corporation

ISL6608CB-T Datasheet PDF - Intersil Corporation
부품명 ISL6608CB-T
다운로드  ISL6608CB-T 다운로드
파일 크기   333.71 Kbytes
페이지   11 Pages
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
상세설명 Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability

ISL6608CB-T Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ISL6608CB-T Datasheet PDF - Intersil Corporation

부품명 ISL6608CB-T
다운로드  ISL6608CB-T Click to download

파일 크기   333.71 Kbytes
페이지   11 Pages
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
상세설명 Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability

ISL6608CB-T 데이터시트 (HTML) - Intersil Corporation


ISL6608CB-T 제품 세부 정보

The ISL6608 is a high frequency, MOSFET driver optimized
to drive two N-Channel power MOSFETs in a synchronousrectified buck converter topology. This driver combined with
an Intersil HIP63xx or ISL65xx Multi-Phase Buck PWM
controller forms a complete single-stage core-voltage
regulator solution with high efficiency performance at high
switching frequency for advanced microprocessors.
The IC is biased by a single low voltage supply (5V) and
minimizes gate drive losses due to MOSFET gate charge at
high switching frequency applications. Each driver is capable
of driving a 3000pF load with a low propagation delay and
less than 10ns transition time. This product implements
bootstrapping on the upper gate with an internal bootstrap
Schottky diode, reducing implementation cost, complexity,
and allowing the use of higher performance, cost effective
N-Channel MOSFETs. Adaptive shoot-through protection is
integrated to prevent both MOSFETs from conducting
simultaneously.
The ISL6608 features 4A sink current for the lower gate
driver, which is capable of holding the lower MOSFET gate
during the Phase node rising edge to prevent shoot-through
power loss caused by the high dv/dt of the Phase node.
The ISL6608 also features a Three-State PWM input which,
working together with Intersil multi-phase PWM controllers,
will prevent a negative transient on the output voltage when
the output is shut down. This feature eliminates the Schottky
diode that is usually seen in a microprocessor power system
for protecting the microprocessor from reversed output
voltage events.
A diode emulation feature is integrated in the ISL6608 to
enhance converter efficiency at light load conditions. Diode
emulation also prevents a negative transient when starting
up with a pre-biased voltage on the output. When diode
emulation is enabled, the driver allows discontinuous
conduction mode by detecting when the inductor current
reaches zero and subsequently turns off the low side
MOSFET, which prevents the output from sinking current
and producing a negative transient on a pre-biased output
(see Figures 6 and 7 on page 7)

Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Adaptive Shoot-Through Protection
• 0.5Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency up to 2MHz
- Fast Output Rise/Fall Time and Low Propagation Delay
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 80µA)
• Diode Emulation for Enhanced Light Load Efficiency and
Pre-Biased Startup Applications
• VCC POR (Power-On-Reset) Feature Integrated
• Low Three-State Shutdown Holdoff Time (Typically 160ns)
• Pin-to-Pin Compatible with ISL6605
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-free Available as an Option

Applications
• Core Voltage Supplies for FPGAs and PowerPC
Microprocessors
• Point-Of-Load Modules with Pre-Biased Start-Up
Requirements
• High Frequency and High Current DC-DC Converters




유사한 부품 번호 - ISL6608CB-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6608CB-T INTERSIL-ISL6608CB-T Datasheet
332Kb / 11P
Synchronous Rectified MOSFET Driver
March 2004
logo
Renesas Technology Corp
ISL6608CB-T RENESAS-ISL6608CB-T Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
More results


유사한 설명 - ISL6608CB-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6540 INTERSIL-ISL6540_06 Datasheet
521Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
March 9, 2006
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
October 7, 2008
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
April 27, 2009
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 RENESAS-ISL6540 Datasheet
438Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
More results




Intersil Corporation 에 대하여


Intersil Corporation은 고성능 아날로그 및 혼합 신호 통합 회로의 설계 및 제조를 전문으로하는 미국 반도체 회사였습니다.
이 회사는 1967 년에 설립되었으며 전력 관리, 데이터 변환 및 RF (Radio Frequency) 기술에 대한 전문 지식으로 유명했습니다.
Intersil의 제품은 소비자 전자 장치, 산업, 통신 및 항공 우주 및 방어와 같은 광범위한 응용 분야에서 사용되었습니다.
2016 년 Intersil은 일본 반도체 회사 인 Renesas Electronics Corporation에 의해 인수되었습니다.
Intersil 브랜드 및 기술은 Renesas의 제품 포트폴리오의 일부로 계속 개발 및 판매되고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com