전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6615A 데이터시트 (PDF) - Intersil Corporation

ISL6615A Datasheet PDF - Intersil Corporation
부품명 ISL6615A
다운로드  ISL6615A 다운로드
파일 크기   414.44 Kbytes
페이지   12 Pages
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
상세설명 High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features

ISL6615A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ISL6615A Datasheet PDF - Intersil Corporation

부품명 ISL6615A
다운로드  ISL6615A Click to download

파일 크기   414.44 Kbytes
페이지   12 Pages
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
상세설명 High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features

ISL6615A 데이터시트 (HTML) - Intersil Corporation


ISL6615A 제품 세부 정보

The ISL6615A is a high-speed MOSFET driver optimized to drive
upper and lower power N-Channel MOSFETs in a synchronous
rectified buck converter topology. This driver, combined with an
Intersil Digital or Analog multiphase PWM controller, forms a
complete high frequency and high efficiency voltage regulator.
The ISL6615A drives both upper and lower gates over a range of
4.5V to 13.2V. This drive-voltage provides the flexibility necessary
to optimize applications involving trade-offs between gate charge
and conduction losses.
The ISL6615A features 6A typical sink current for the low-side
gate driver, enhancing the lower MOSFET gate hold-down
capability during PHASE node rising edge, preventing power loss
caused by the self turn-on of the lower MOSFET due to the high
dV/dt of the switching node.
An advanced adaptive zero shoot-through protection is integrated
to prevent both the upper and lower MOSFETs from conducting
simultaneously and to minimize the dead-time. The ISL6615A
includes an overvoltage protection feature operational before
VCC exceeds its turn-on threshold, at which the PHASE node is
connected to the gate of the low side MOSFET (LGATE). The
output voltage of the converter is then limited by the threshold of
the low side MOSFET, which provides some protection to the load
if the upper MOSFET(s) is shorted.
The ISL6615A also features an input that recognizes a
high-impedance state, working together with Intersil multiphase
PWM controllers to prevent negative transients on the controlled
output voltage when operation is suspended. This feature
eliminates the need for the Schottky diode that may be utilized in
a power system to protect the load from negative output voltage
damage.

Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Advanced Adaptive Zero Shoot-Through Protection
- Body Diode Detection
- LGATE Detection
- Auto-zero of rDS(ON) Conduction Offset Effect
• Adjustable Gate Voltage for Optimal Efficiency
• 36V Internal Bootstrap Schottky Diode
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency (up to 1MHz)
- 6A LGATE Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• Support 5V PWM Input Logic
• Tri-State PWM Input for Safe Output Stage Shutdown
• Tri-State PWM Input Hysteresis for Applications with Power
Sequencing Requirement
• Pre-POR Overvoltage Protection
• VCC Undervoltage Protection
• Expandable Bottom Copper PAD for Better Heat Spreading
• Dual Flat No-Lead (DFN) Package
- Near Chip-Scale Package Footprint; Improves PCB Efficiency
and Thinner in Profile
• Pb-free (RoHS compliant)

Applications
• Optimized for POL DC/DC Converters for IBA Systems
• Core Regulators for Intel® and AMD® Microprocessors
• High Current Low-Profile DC/DC Converters
• High Frequency and High Efficiency VRM and VRD
• Synchronous Rectification for Isolated Power Supplies




유사한 부품 번호 - ISL6615A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A INTERSIL-ISL6615A Datasheet
412Kb / 12P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
logo
Renesas Technology Corp
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
239Kb / 12P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615ACBZ RENESAS-ISL6615ACBZ Datasheet
626Kb / 13P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


유사한 설명 - ISL6615A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
February 26, 2007
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
July 31, 2006
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615 INTERSIL-ISL6615 Datasheet
233Kb / 11P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
logo
Renesas Technology Corp
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results




Intersil Corporation 에 대하여


Intersil Corporation은 고성능 아날로그 및 혼합 신호 통합 회로의 설계 및 제조를 전문으로하는 미국 반도체 회사였습니다.
이 회사는 1967 년에 설립되었으며 전력 관리, 데이터 변환 및 RF (Radio Frequency) 기술에 대한 전문 지식으로 유명했습니다.
Intersil의 제품은 소비자 전자 장치, 산업, 통신 및 항공 우주 및 방어와 같은 광범위한 응용 분야에서 사용되었습니다.
2016 년 Intersil은 일본 반도체 회사 인 Renesas Electronics Corporation에 의해 인수되었습니다.
Intersil 브랜드 및 기술은 Renesas의 제품 포트폴리오의 일부로 계속 개발 및 판매되고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com