전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9007 데이터시트 (PDF) - Intersil Corporation

ISL9007 Datasheet PDF - Intersil Corporation
부품명 ISL9007
다운로드  ISL9007 다운로드
파일 크기   284.77 Kbytes
페이지   9 Pages
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
상세설명 High Current LDO with Low IQ and High PSRR

ISL9007 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ISL9007 Datasheet PDF - Intersil Corporation

부품명 ISL9007
다운로드  ISL9007 Click to download

파일 크기   284.77 Kbytes
페이지   9 Pages
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
상세설명 High Current LDO with Low IQ and High PSRR

ISL9007 데이터시트 (HTML) - Intersil Corporation


ISL9007 제품 세부 정보

ISL9007 is a high performance LDO that delivers a continuous
400mA of load current. It has a low standby current and
high PSRR and is stable with output capacitance of 1µF to
10µF with an ESR of up to 200mΩ.
The ISL9007 has a very high PSRR of 75dB and output noise
less than 30µVRMS. When coupled with a no load quiescent
current of 50µA (typical), and 1µA (max) shutdown current, the
ISL9007 is an ideal choice for portable wireless equipment.
The ISL9007 comes in fixed voltage options of 3.3V, 2.85V,
2.8V, and 2.5V with ±1.8% output voltage accuracy
over-temperature, line and load. Other output voltage options
may be available upon request.

Features
• High performance LDO with 400mA continuous output
• Excellent transient response to large current steps
• Excellent load regulation: <0.1% voltage change across full
range of load current
• Very high PSRR: 75dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Very low quiescent current: 50µA
• Low dropout voltage: typically 200mV @ 400mA
• Low output noise: typically 30µVRMS @ 100µA (2.5V)
• Stable with 1µF to 10µF ceramic capacitors
• Shutdown pin turns off LDO for 1µA (max) standby current
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• 8 Ld MSOP package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)

Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices, including Medical Handhelds




유사한 부품 번호 - ISL9007

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL9007 INTERSIL-ISL9007 Datasheet
257Kb / 8P
High Current LDO with Low IQ and High PSRR
October 13, 2005
ISL9007 INTERSIL-ISL9007 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL9007 RENESAS-ISL9007 Datasheet
503Kb / 9P
High Current LDO with Low IQ and High PSRR
ISL9007EVAL1Z RENESAS-ISL9007EVAL1Z Datasheet
503Kb / 9P
High Current LDO with Low IQ and High PSRR
ISL9007IUCZ RENESAS-ISL9007IUCZ Datasheet
503Kb / 9P
High Current LDO with Low IQ and High PSRR
More results


유사한 설명 - ISL9007

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL9007 INTERSIL-ISL9007 Datasheet
257Kb / 8P
High Current LDO with Low IQ and High PSRR
October 13, 2005
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
Low Noise LDO with Low IQ and High PSRR
October 1, 2009
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
Low Noise LDO with Low IQ and High PSRR
March 11, 2008
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
Low Noise LDO with Low IQ and High PSRR
ISL9007 RENESAS-ISL9007 Datasheet
503Kb / 9P
High Current LDO with Low IQ and High PSRR
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
Low Noise LDO with Low IQ and High PSRR
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
Low Noise LDO with Low IQ And High PSRR
April 15, 2008
More results




Intersil Corporation 에 대하여


Intersil Corporation은 고성능 아날로그 및 혼합 신호 통합 회로의 설계 및 제조를 전문으로하는 미국 반도체 회사였습니다.
이 회사는 1967 년에 설립되었으며 전력 관리, 데이터 변환 및 RF (Radio Frequency) 기술에 대한 전문 지식으로 유명했습니다.
Intersil의 제품은 소비자 전자 장치, 산업, 통신 및 항공 우주 및 방어와 같은 광범위한 응용 분야에서 사용되었습니다.
2016 년 Intersil은 일본 반도체 회사 인 Renesas Electronics Corporation에 의해 인수되었습니다.
Intersil 브랜드 및 기술은 Renesas의 제품 포트폴리오의 일부로 계속 개발 및 판매되고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com