전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL55100AIRZ 데이터시트 (PDF) - Intersil Corporation

ISL55100AIRZ Datasheet PDF - Intersil Corporation
부품명 ISL55100AIRZ
다운로드  ISL55100AIRZ 다운로드
파일 크기   583.52 Kbytes
페이지   14 Pages
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
상세설명 Quad 18V Pin Electronics Driver/Window Comparator

ISL55100AIRZ Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ISL55100AIRZ Datasheet PDF - Intersil Corporation

부품명 ISL55100AIRZ
다운로드  ISL55100AIRZ Click to download

파일 크기   583.52 Kbytes
페이지   14 Pages
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
상세설명 Quad 18V Pin Electronics Driver/Window Comparator

ISL55100AIRZ 데이터시트 (HTML) - Intersil Corporation


ISL55100AIRZ 제품 세부 정보

The ISL55100A is a Quad pin driver and window comparator
fabricated in a wide voltage CMOS process. It is designed
specifically for Test During Burn In (TDBI) applications, where
cost, functional density and power are all at a premium.
This IC incorporates four channels of programmable drivers
and window comparators into a small 72 Ld QFN package.
Each channel has independent driver levels, data and high
impedance control. Each receiver has dual comparators, which
provide high and low threshold levels.
The ISL55100A uses differential mode digital inputs and can
therefore mate directly with LVDS or CML outputs.
Single-ended logic families are handled by connecting one of
the digital input pins to an appropriate threshold voltage (e.g.,
1.4V for TTL compatibility). The comparator outputs are
single-ended and the output levels are user defined to mate
directly with any digital technology.
The 18V driver output and receiver input ranges allow this
device to interface directly with TTL, ECL, CMOS (3V, 5V and
7V), LVCMOS and custom level circuitry, as well as the high
voltage (super voltage) level required for many special test
modes for Flash Devices.

Features
• Low driver output resistance
- ROUT maximum: ISL55100A 7.0Ω
• 18V I/O range
• 50MHz operation
• 4-channel driver/receiver pairs with per pin flexibility
• Dual level - per pin - input thresholds
• Differential or single-ended digital inputs
• User defined comparator output levels
• Low channel-to-channel timing skew
• Small footprint (72 Ld QFN)
• Pb-free (RoHS compliant)

Applications
• Burn in ATE
• Wafer level flash memory test
• LCD panel test
• Low cost ATE
• Instrumentation
• Emulation
• Device programmers




유사한 부품 번호 - ISL55100AIRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
520Kb / 13P
Quad 18V Pin Electronics Driver/Window Comparator
October 31, 2005
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
497Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
November 24, 2008
logo
Renesas Technology Corp
ISL55100AIRZ RENESAS-ISL55100AIRZ Datasheet
886Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
More results


유사한 설명 - ISL55100AIRZ

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
Pin Electronics Driver, Window Comparator, and Switch Matrix
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
Quad 18V Pin Electronics Driver/Window Comparator
October 31, 2005
logo
Semtech Corporation
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
Octal 18V Pin Electronics Driver/window Comparator
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
133 MHZ Quad Pin Electronics Driver and Window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
November 24, 2008
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
More results




Intersil Corporation 에 대하여


Intersil Corporation은 고성능 아날로그 및 혼합 신호 통합 회로의 설계 및 제조를 전문으로하는 미국 반도체 회사였습니다.
이 회사는 1967 년에 설립되었으며 전력 관리, 데이터 변환 및 RF (Radio Frequency) 기술에 대한 전문 지식으로 유명했습니다.
Intersil의 제품은 소비자 전자 장치, 산업, 통신 및 항공 우주 및 방어와 같은 광범위한 응용 분야에서 사용되었습니다.
2016 년 Intersil은 일본 반도체 회사 인 Renesas Electronics Corporation에 의해 인수되었습니다.
Intersil 브랜드 및 기술은 Renesas의 제품 포트폴리오의 일부로 계속 개발 및 판매되고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com