전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IL34118 데이터시트 (PDF) - IK Semicon Co., Ltd

IL34118 Datasheet PDF - IK Semicon Co., Ltd
부품명 IL34118
다운로드  IL34118 다운로드
파일 크기   965.66 Kbytes
페이지   14 Pages
제조업체  IKSEMICON [IK Semicon Co., Ltd]
홈페이지  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
상세설명 Low Voltage Operation for Line-Powered Applications

IL34118 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
IL34118 Datasheet PDF - IK Semicon Co., Ltd

부품명 IL34118
다운로드  IL34118 Click to download

파일 크기   965.66 Kbytes
페이지   14 Pages
제조업체  IKSEMICON [IK Semicon Co., Ltd]
홈페이지  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
상세설명 Low Voltage Operation for Line-Powered Applications

IL34118 데이터시트 (HTML) - IK Semicon Co., Ltd


IL34118 제품 세부 정보

The IL34118 Voice Switched Speakerphone Circuit incorporates the necessary amplifiers, attenuators, level detectors, and control algorithm to form the heart of a high quality hands-free speakerphone system. Included are a microphone amplifier with adjustable gain and MUTE control, Transmit and Receive attenuators which operate in a complementary manner, level detectors at both input and output of both attenuators, and background noise monitors for both the transmit and receive channels. A Dial Tone Detector prevents the dial tone from being attenuated by the Receive background noise monitor circuit. Also included are two line driver amplifiers which can be used to form a hybrid network in conjunction with an external coupling transformer. A high pass filter can be used to filter out 60 Hz noise in the receive channel, or for other filtering functions. A Chip Disable pin permits powering down the entire circuit to conserve power on long loops where loop current is at a minimum.

Futures
• Improved Attenuator Gain Range: 52 dB Between Transmit and Receive
• Low Voltage Operation for Line-Powered Applications (3.0-6.5 V)
• 4 Point Signal Sensing for Improved Sensitivity
• Background Noise Monitors for Both Transmit and Receive Paths
• Microphone Amplifier Gain Set by External Resistors - Mute Function Included
• Chip Disable for Active Standby Operation
• On Board Filter Pinned-Out for User Defined Function
• Dial Tone Detector to Inhibit Receive Idle Mode During Dial Tone Presence




유사한 부품 번호 - IL34118

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
Voice Switched Speakerphone Circuit
IL34118DW INTEGRAL-IL34118DW Datasheet
632Kb / 12P
Voice Switched Speakerphone Circuit
IL34118N INTEGRAL-IL34118N Datasheet
632Kb / 12P
Voice Switched Speakerphone Circuit
More results


유사한 설명 - IL34118

제조업체부품명데이터시트상세설명
logo
Littelfuse
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
Line Voltage Operation, Radial Lead
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
Low voltage and high speed operation is suitable for the battery powered products
logo
Mitsumi Electronics, Co...
MM1349 MITSUMI-MM1349 Datasheet
76Kb / 3P
Utilizing Technology for Low-Voltage Operation
logo
Littelfuse
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
Line Voltage Operation, Radial Lead
logo
Freescale Semiconductor...
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
logo
Littelfuse
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
Line Voltage Operation, Radial Lead
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
Line Voltage Operation, Radial Lead
logo
Motorola, Inc
MC14470 MOTOROLA-MC14470 Datasheet
159Kb / 5P
Ionization Smoke Detector with I/O For Line-Powered Applications
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com