| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
130144-0044
|
44Kb / 1P |
Safeway Connector 2 Pole/3 Wire, NEMA 5-15, 125V
|
|
130144-0048
|
54Kb / 1P |
Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Lighted
|
|
130144-0050
|
43Kb / 1P |
Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
|
|
1301440036
|
37Kb / 1P |
Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
|
|
1301440048
|
46Kb / 1P |
Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Lighted
|
|
1301440050
|
35Kb / 1P |
Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
|
|
1301490008
|
35Kb / 1P |
Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-15, 125V
|
|
130149-0012
|
43Kb / 1P |
Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-15, 125V
|
|
1301490094
|
34Kb / 1P |
Safeway Flanged Inlet 2 Pole/3 Wire, NEMA 5-15, 125V
|
|
1301410031
|
43Kb / 1P |
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-15, 125V
|