전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FR151G 데이터시트 (PDF) - Frontier Electronics.

FR151G Datasheet PDF - Frontier Electronics.
부품명 FR151G
다운로드  FR151G 다운로드
파일 크기   983.51 Kbytes
페이지   2 Pages
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
상세설명 1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER

FR151G Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
FR151G Datasheet PDF - Frontier Electronics.

부품명 FR151G
다운로드  FR151G Click to download

파일 크기   983.51 Kbytes
페이지   2 Pages
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
상세설명 1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER

FR151G 데이터시트 (HTML) - Frontier Electronics.


FR151G 제품 세부 정보

PRODUCT FEATURES

1. FLAMMABILITY CLASSIFICATION: 94V-0

2. GLASS PASSIVATED CHIP JUNCTION

3. HIGH SURGE CURRENT CAPABILITY

4. CASE: TRANSFER MOLDED, DO-15

5. DIMENSIONS IN INCHES AND (MILLIMETERS)

6. POLARITY: INDICATED BY CATHODE BAND

7. WEIGHT : 0.4 GRAMS

8. TERMINAL SOLDERABILITY: PER MIL-STD-202, METHOD 208

9. RoHS



 




유사한 부품 번호 - FR151G

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FR151G RECTRON-FR151G Datasheet
240Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
FR151G JGD-FR151G Datasheet
138Kb / 2P
1.5 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Sunrise Electr...
FR151G SSE-FR151G Datasheet
16Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR151G BYTES-FR151G Datasheet
153Kb / 2P
1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR151G DCCOM-FR151G Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


유사한 설명 - FR151G

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
PR1501G DIODES-PR1501G Datasheet
62Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
PR1501G DIODES-PR1501G_1 Datasheet
87Kb / 3P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. 5 - 2
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
1.5A Sintered Glass Passivated Fast Recovery Rectifier
TF151G TAITRON-TF151G Datasheet
130Kb / 4P
1.5A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR15-005G FRONTIER-FR15-005G Datasheet
126Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR15-005G-LFR FRONTIER-FR15-005G-LFR Datasheet
126Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
FR151G-T TSC-FR151G-T Datasheet
410Kb / 6P
1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com