전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FR1605CT 데이터시트 (PDF) - Frontier Electronics.

FR1605CT Datasheet PDF - Frontier Electronics.
부품명 FR1605CT
다운로드  FR1605CT 다운로드
파일 크기   438.85 Kbytes
페이지   2 Pages
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
상세설명 16A FAST RECOVERY RECTIFIERS

FR1605CT Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
FR1605CT Datasheet PDF - Frontier Electronics.

부품명 FR1605CT
다운로드  FR1605CT Click to download

파일 크기   438.85 Kbytes
페이지   2 Pages
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
상세설명 16A FAST RECOVERY RECTIFIERS

FR1605CT 데이터시트 (HTML) - Frontier Electronics.




유사한 부품 번호 - FR1605CT

제조업체부품명데이터시트상세설명
logo
Goodwork Semiconductor ...
FR1605CT GWSEMI-FR1605CT Datasheet
71Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
logo
Thinki Semiconductor Co...
FR1605CT THINKISEMI-FR1605CT Datasheet
741Kb / 2P
16.0 Ampere Heatsink Dual Common Cathode Fast Recovery Rectifiers
FR1605CT THINKISEMI-FR1605CT Datasheet
796Kb / 2P
16.0 Ampere Heatsink Dual Common Cathode Fast Recovery Rectifiers
logo
Nantong Hornby Electron...
FR1605CT HORNBY-FR1605CT Datasheet
276Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


유사한 설명 - FR1605CT

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 16A)
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
315Kb / 8P
6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
16A Super Fast Recovery Rectifiers
logo
Frontier Electronics.
SFF160-03-LFR FRONTIER-SFF160-03-LFR Datasheet
131Kb / 2P
16A SUPER FAST RECOVERY RECTIFIER
logo
Naina Semiconductor ltd...
16-NSFR NAINA-16-NSFR Datasheet
149Kb / 2P
Fast Recovery Diodes, 16A
16NSF NAINA-16NSF_17 Datasheet
149Kb / 2P
Fast Recovery Diodes, 16A
logo
ASEMI TECHNOLOGY., LTD
MUR1660CT ASEMI-MUR1660CT Datasheet
282Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
MURF1660AC ASEMI-MURF1660AC Datasheet
293Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SFF1606 ASEMI-SFF1606 Datasheet
296Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SFF1606A ASEMI-SFF1606A Datasheet
293Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com