전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

296UB503A2N 데이터시트 (PDF) - CTS Corporation

296UB503A2N Datasheet PDF - CTS Corporation
부품명 296UB503A2N
다운로드  296UB503A2N 다운로드
파일 크기   395.89 Kbytes
페이지   2 Pages
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation
상세설명 Commercial 12mm Diameter Carbon Composition Rotary Potentiometer

296UB503A2N Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
296UB503A2N Datasheet PDF - CTS Corporation

부품명 296UB503A2N
다운로드  296UB503A2N Click to download

파일 크기   395.89 Kbytes
페이지   2 Pages
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation
상세설명 Commercial 12mm Diameter Carbon Composition Rotary Potentiometer

296UB503A2N 데이터시트 (HTML) - CTS Corporation




유사한 부품 번호 - 296UB503A2N

제조업체부품명데이터시트상세설명
logo
CTS Corporation
296UB501A1B CTS-296UB501A1B Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296UB501A1C CTS-296UB501A1C Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296UB501A2B CTS-296UB501A2B Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296UB501A2C CTS-296UB501A2C Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296UB501A3B CTS-296UB501A3B Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
More results


유사한 설명 - 296UB503A2N

제조업체부품명데이터시트상세설명
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
Bi technologies
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
Commercial Linear Motion Carbon Composition Slide Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com