전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4151 데이터시트 (PDF) - Diode Semiconductor Korea

1N4151 Datasheet PDF - Diode Semiconductor Korea
부품명 1N4151
다운로드  1N4151 다운로드
파일 크기   309.95 Kbytes
페이지   3 Pages
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
상세설명 SMALL SIGNAL SWITCHING DIODE

1N4151 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
1N4151 Datasheet PDF - Diode Semiconductor Korea

부품명 1N4151
다운로드  1N4151 Click to download

파일 크기   309.95 Kbytes
페이지   3 Pages
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
상세설명 SMALL SIGNAL SWITCHING DIODE

1N4151 데이터시트 (HTML) - Diode Semiconductor Korea


1N4151 제품 세부 정보

REVERSE VOLTAGE: 50 V
CURRENT: 0.15 A

FEATURES
◇ Silicon epitaxial planar diode
◇ High speed switching diode
◇ 500 mW power dissipation

MECHANICAL DATA
◇ Case: DO-35,glass case
◇ Polarity: Color band denotes cathode
◇ Weight: 0.004 ounces, 0.13 grams




유사한 부품 번호 - 1N4151

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
High-speed diodes
1999 Jun 01
logo
Vishay Siliconix
1N4151 VISHAY-1N4151 Datasheet
39Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Rectron Semiconductor
1N4151 RECTRON-1N4151 Datasheet
11Kb / 1P
SIGNAL DIODE
logo
Semtech Corporation
1N4151 SEMTECH-1N4151 Datasheet
88Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Shanghai Lunsure Electr...
1N4151 CHENYI-1N4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results


유사한 설명 - 1N4151

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com