전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR1030FCT 데이터시트 (PDF) - Yea Shin Technology Co., Ltd

MBR1030FCT Datasheet PDF - Yea Shin Technology Co., Ltd
부품명 MBR1030FCT
다운로드  MBR1030FCT 다운로드
파일 크기   1302.36 Kbytes
페이지   4 Pages
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
상세설명 10A SCHOTTKY BARRIER RECTIFIER

MBR1030FCT Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MBR1030FCT Datasheet PDF - Yea Shin Technology Co., Ltd

부품명 MBR1030FCT
다운로드  MBR1030FCT Click to download

파일 크기   1302.36 Kbytes
페이지   4 Pages
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
상세설명 10A SCHOTTKY BARRIER RECTIFIER

MBR1030FCT 데이터시트 (HTML) - Yea Shin Technology Co., Ltd


MBR1030FCT 제품 세부 정보

FEATURES
• Schottky Barrier Chip
• Guard Ring for Transient Protection
• High Current Capability, Low Forward
• Low Reverse Leakage Current
• High Surge Current Capability
• Plastic Material has UL Flammability Classification 94V-O
• High temperature soldering : 260°C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment substance directive request




유사한 부품 번호 - MBR1030FCT

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MBR1030FCT MCC-MBR1030FCT Datasheet
664Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1030FCT MCC-MBR1030FCT Datasheet
259Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR1030FCT KERSEMI-MBR1030FCT Datasheet
1Mb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1030FCT KERSEMI-MBR1030FCT Datasheet
664Kb / 3P
Low Forward Voltage , High Current Capability
logo
Jiangsu Changjiang Elec...
MBR1030FCT JIANGSU-MBR1030FCT Datasheet
468Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results


유사한 설명 - MBR1030FCT

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com