전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPF 데이터시트 (PDF) - fujitsu semiconductor

MB90F548GSPF Datasheet PDF - fujitsu semiconductor
부품명 MB90F548GSPF
다운로드  MB90F548GSPF 다운로드
파일 크기   746.03 Kbytes
페이지   67 Pages
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor
상세설명 16-bit Proprietary Microcontroller

MB90F548GSPF Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MB90F548GSPF Datasheet PDF - fujitsu semiconductor

부품명 MB90F548GSPF
다운로드  MB90F548GSPF Click to download

파일 크기   746.03 Kbytes
페이지   67 Pages
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor
상세설명 16-bit Proprietary Microcontroller

MB90F548GSPF 데이터시트 (HTML) - fujitsu semiconductor


MB90F548GSPF 제품 세부 정보

■ DESCRIPTION
The MB90540/545 series with FULL-CAN*1 and FLASH ROM is specially designed for automotive and industrial applications. Its main features are two on board CAN Interfaces (one for MB90V545 series) , which conform to V2.0 Part A and Part B, supporting very flexible message buffer scheme and so offering more functions than a normal full CAN approach. The instruction set by F2MC-16LX CPU core inherits an AT architecture of the F2MC*2 family with additional instruction sets for high-level languages, extended addressing mode, enhanced multiplication/division instructions, and enhanced bit manipulation instructions.The micro controller has a 32-bit accumulator for processing long word data.The MB90540/545 series has peripheral resources of 8/10-bit A/D converters, UART (SCI) , extended I/O serial interfaces, 8/16-bit timer, I/O timer (input capture (ICU) , output compare (OCU) ) .

■ FEATURES
• Clock
    Embedded PLL clock multiplication circuit
    Operating clock (PLL clock) can be selected from : divided-by-2 of oscillation or one to four times the oscillation
    Minimum instruction execution time : 62.5 ns (operation at oscillation of 4 MHz, four times the oscillation clock)
    Subsystem Clock : 32 kHz
• Instruction set to optimize controller applications
    Rich data types (bit, byte, word, long word)
    Rich addressing mode (23 types)
    Enhanced signed multiplication/division instruction and RETI instruction functions
    Enhanced precision calculation realized by the 32-bit accumulator
• Instruction set designed for high level language (C language) and multi-task operations
    Adoption of system stack pointer
    Enhanced pointer indirect instructions
    Barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed : 4-byte Instruction queue
• Enhanced interrupt function : 8 levels, 34 factors
• Automatic data transmission function independent of CPU operation
    Extended intelligent I/O service function (EI2OS)
• Embedded ROM size and types
    Mask ROM : 256 Kbytes / 64 Kbytes / 128 Kbytes
    Flash ROM : 128 Kbytes/256 Kbytes
    Embedded RAM size : 2 Kbytes/4 Kbytes/6 Kbytes/8 Kbytes (evaluation chip)
• Flash ROM
    Supports automatic programming, Embedded Algorithm TM*
    Write/Erase/Erase-Suspend/Resume commands
    A flag indicating completion of the algorithm
    Hard-wired reset vector available in order to point to a fixed boot sector in Flash Memory
    Erase can be performed on each block
    Block protection with external programming voltage
• Low-power consumption (stand-by) mode
    Sleep mode (mode in which CPU operating clock is stopped)
    Stop mode (mode in which oscillation is stopped)
    CPU intermittent operation mode
    Clock mode
    Hardware stand-by mode
• Process
    0.5 µm CMOS technology
• I/O port
    General-purpose I/O ports : 81 ports
• Timer
    Watchdog timer : 1 channel
    8/16-bit PPG timer : 8/16-bit × 4 channels
    16-bit re-load timer : 2 channels
• 16-bit I/O timer
    16-bit free-run timer : 1 channel
    Input capture : 8 channels
    Output compare : 4 channels
• Extended I/O serial interface : 1 channel
• UART 0
    With full-duplex double buffer (8-bit length)
    Clock asynchronized or clock synchronized (with start/stop bit) transmission can be selectively used.
(Continue ...)




유사한 부품 번호 - MB90F548GSPF

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
MB90F548GSPF CYPRESS-MB90F548GSPF Datasheet
5Mb / 70P
CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results


유사한 설명 - MB90F548GSPF

제조업체부품명데이터시트상세설명
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results




fujitsu semiconductor 에 대하여


Fujitsu Components Limited는 일본 다국적 ​​정보 기술 회사 인 Fujitsu Limited의 자회사입니다.
Fujitsu Components Limited는 전자 구성 요소 및 장치의 설계, 개발 및 제조에 중점을 둡니다.
이 회사는 데이터 저장 장치, 무선 통신 모듈 및 기타 전자 구성 요소를 포함한 다양한 제품을 제공합니다.
Fujitsu Components Limited는 아시아, 유럽 및 아메리카 전역의 여러 국가에서 운영 및 시설을 보유하고 있습니다.
이 회사는 전자 산업의 고급 기술, 고품질 제품 및 혁신적인 솔루션으로 유명합니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com