전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH5019A 데이터시트 (PDF) - STMicroelectronics

VNH5019A Datasheet PDF - STMicroelectronics
부품명 VNH5019A
다운로드  VNH5019A 다운로드
파일 크기   1365.8 Kbytes
페이지   12 Pages
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
상세설명 Motor driver evaluation board based on VNH5019A

VNH5019A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
VNH5019A Datasheet PDF - STMicroelectronics

부품명 VNH5019A
다운로드  VNH5019A Click to download

파일 크기   1365.8 Kbytes
페이지   12 Pages
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
상세설명 Motor driver evaluation board based on VNH5019A

VNH5019A 데이터시트 (HTML) - STMicroelectronics


VNH5019A 제품 세부 정보

Description
STEVAL-VNH5019A offers dedicated power stage and controls suitable for electric DC motor driving. This evaluation board comes pre-assembled with VNH5019A H-bridge belonging to the VNH Motor Driver series based on VIPower® proprietary technology. Typical applications are Windows Lift, Sliding Door, Seat regulation. This Evaluation Board consists of a motherboard (STM8 Universal Board) and a daughterboard. The motherboard, based on STM8 microcontroller, provides the logic section for monitoring and driving the VNH5019A assembled in the daughterboard. With the aim to make simpler the board usage and settings, ST provides a dedicated and userfriendly software with a Graphic User Interface (GUI). This enables the user to set VNH5019A parameters (PWM, Motor direction…) and at the same time it shows real time device diagnostic information like current output evolution, battery voltage monitoring, board temperature and much more. Type RDS(on) Iout VCC(max) VNH5019A-E 18 mΩ typ (per leg) 30 A 41 V

Features
■ Handling up to 30 A of maximum motor current output
■ Undervoltage and overvoltage shutdown
■ Device thermal protection
■ Cross-conduction protection
■ Very low standby power consumption
■ Programmable PWM operation (up to 20 kHz)
■ Protection against loss of ground and loss of VCC
■ Motor current monitoring (thanks to VNH5019A current sense output)
■ On-board charge pump output for reverse polarity protection
■ Device output protected against short to ground and short to VCC
■ Graphic User Interface (GUI)




유사한 부품 번호 - VNH5019A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
2Mb / 2P
Fully-protected, eco-friendly motor control solutions
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
741Kb / 38P
Automotive fully integrated H-bridge motor driver
26-Jun-2017
More results


유사한 설명 - VNH5019A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-MKI012V1 STMICROELECTRONICS-STEVAL-MKI012V1 Datasheet
114Kb / 4P
MEMS analog output evaluation board based on LIS3L06AL
16-Oct-2007
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
UM0460 STMICROELECTRONICS-UM0460 Datasheet
669Kb / 23P
Set-top box front panel evaluation board based on
03-Jan-2008
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
UM1857 STMICROELECTRONICS-UM1857 Datasheet
551Kb / 9P
Stepper motor driver expansion board based on L6474 for STM32 Nucleo
30-Mar-2015
STEVAL-ISB032V1 STMICROELECTRONICS-STEVAL-ISB032V1 Datasheet
243Kb / 4P
Li-Ion battery charger evaluation board based on STNS01
26-Jan-2016
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
STEVAL-SPIN3204 STMICROELECTRONICS-STEVAL-SPIN3204 Datasheet
4Mb / 8P
Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
Rev 1 - May 2019
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
More results




STMicroelectronics 에 대하여


Stmicroelectronics는 스위스 제네바에 본사를 둔 다국적 전자 및 반도체 제조업체입니다.

이 회사는 자동차, 산업 및 소비자 시장의 다양한 응용 프로그램을위한 마이크로 컨트롤러, 센서, 전력 증폭기 및 통합 회로를 포함한 다양한 제품을 제공합니다.

1987 년에 설립 된 Stmicroelectronics는 100 개 이상의 국가에서 운영되고 있으며 세계에서 가장 큰 반도체 회사 중 하나입니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.