전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE30C 데이터시트 (PDF) - STMicroelectronics

LE30C Datasheet PDF - STMicroelectronics
부품명 LE30C
다운로드  LE30C 다운로드
파일 크기   912.46 Kbytes
페이지   39 Pages
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
상세설명 Very low drop voltage regulators with inhibit

LE30C Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
LE30C Datasheet PDF - STMicroelectronics

부품명 LE30C
다운로드  LE30C Click to download

파일 크기   912.46 Kbytes
페이지   39 Pages
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
상세설명 Very low drop voltage regulators with inhibit

LE30C 데이터시트 (HTML) - STMicroelectronics


LE30C 제품 세부 정보

Description
The LExxAB and LExxC are very low drop voltage regulators available in SO-8 and TO-92 packages and in a wide range of output voltages. The very low drop voltage (0.2 V) and the very low quiescent current make them particularly suitable for low noise low power applications and specially in battery powered systems. They are pin to pin compatible with the older L78Lxx series. Furthermore in the 8 pin configuration (SO-8) they employ a shutdown logic control (pin 5, TTL compatible). This means that when the device is used as a local regulator, it’s possible to put in stand by a part of the board even more decreasing the total power consumption. In the three terminal configuration (TO-92) the device is even in ON STATE, maintaining the same electrical performances. It needs only 2.2 µF capacitor for stability allowing room and cost saving effect. SO-8 TO-92

Features
■ Very low dropout voltage (0.2 V typ)
■ Very low quiescent current (typ. 50 µA in OFF MODE, 0.5 mA in ON MODE, no load)
■ Output current up to 100 mA
■ Output voltages of 2.5; 2.7; 3; 3.3; 3.5; 4; 4.5; 4.7; 5; 8 V
■ Internal current and thermal limit
■ Only 2.2 µF for stability
■ Available in ± 1 % (A) or ± 2 % (C) selection at 25 °C
■ Supply voltage rejection: 80 dB (typ.)
■ Temperature range: -40 to 125 °C




유사한 부품 번호 - LE30C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LE30C STMICROELECTRONICS-LE30C Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE30C STMICROELECTRONICS-LE30C Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE30CD STMICROELECTRONICS-LE30CD Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE30CD-TR STMICROELECTRONICS-LE30CD-TR Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE30CD-TR STMICROELECTRONICS-LE30CD-TR Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
More results


유사한 설명 - LE30C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LK115D00 STMICROELECTRONICS-LK115D00 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
More results




STMicroelectronics 에 대하여


Stmicroelectronics는 스위스 제네바에 본사를 둔 다국적 전자 및 반도체 제조업체입니다.

이 회사는 자동차, 산업 및 소비자 시장의 다양한 응용 프로그램을위한 마이크로 컨트롤러, 센서, 전력 증폭기 및 통합 회로를 포함한 다양한 제품을 제공합니다.

1987 년에 설립 된 Stmicroelectronics는 100 개 이상의 국가에서 운영되고 있으며 세계에서 가장 큰 반도체 회사 중 하나입니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.