전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SKY13414-485LF 데이터시트 (PDF) - Skyworks Solutions Inc.

SKY13414-485LF Datasheet PDF - Skyworks Solutions Inc.
부품명 SKY13414-485LF
다운로드  SKY13414-485LF 다운로드
파일 크기   398.84 Kbytes
페이지   11 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 0.1 to 3.8 GHz SP4T Antenna Switch

SKY13414-485LF Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SKY13414-485LF Datasheet PDF - Skyworks Solutions Inc.

부품명 SKY13414-485LF
다운로드  SKY13414-485LF Click to download

파일 크기   398.84 Kbytes
페이지   11 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 0.1 to 3.8 GHz SP4T Antenna Switch

SKY13414-485LF 데이터시트 (HTML) - Skyworks Solutions Inc.


SKY13414-485LF 제품 세부 정보

Description
The SKY13414-485LF is a single pole, four-throw (SP4T) antenna switch with an internal 50 Ω termination. The high-linearity performance and low insertion loss achieved by the SKY13414-485LF make it an ideal choice for main/diversity switching commonly used in LTE-based handsets, data cards, and tablets that use antenna diversity solutions.

Features
• Broadband frequency range: 0.1 to 3.8 GHz
• Low insertion loss: 0.45 dB typical @ 2.7 GHz
• High isolation: >31 dB @ 2.7 GHz
• Internal 50 Ω port to control diversity antenna impedance when device is not in use
• Integrated logic
• Small QFN (14-pin, 2.0 x 2.0 mm) package (MSL1, 260 C per JEDEC J-STD-020)

Applications
• Any 2G/3G/4G antenna diversity or LTE (TDD/FDD) transmit/receive system for which GSM transmit is not required




유사한 부품 번호 - SKY13414-485LF

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SKY13410-365LF SKYWORKS-SKY13410-365LF Datasheet
2Mb / 21P
0.25 - 2.15 GHz 4x2 Switch Matrix with Tone/Voltage Decoder
January 3, 2012
SKY13410-365LF-EVB SKYWORKS-SKY13410-365LF-EVB Datasheet
2Mb / 21P
0.25 - 2.15 GHz 4x2 Switch Matrix with Tone/Voltage Decoder
January 3, 2012
SKY13411-374LF SKYWORKS-SKY13411-374LF Datasheet
821Kb / 10P
0.1 to 6.0 GHz DPDT Switch
November 3, 2014
SKY13411-374LF-EVB SKYWORKS-SKY13411-374LF-EVB Datasheet
821Kb / 10P
0.1 to 6.0 GHz DPDT Switch
November 3, 2014
SKY13412-487LF SKYWORKS-SKY13412-487LF Datasheet
674Kb / 16P
0.4 to 2.7 GHz SP12T Switch with GPIO Interface
October 23, 2015
More results


유사한 설명 - SKY13414-485LF

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SKY13597-684LF SKYWORKS-SKY13597-684LF Datasheet
174Kb / 2P
0.7 to 3.8 GHz SP4T High-Power Switch
SKY13626-685LF SKYWORKS-SKY13626-685LF Datasheet
174Kb / 2P
0.4 to 3.8 GHz SP4T Switch
SKY13415-485LF SKYWORKS-SKY13415-485LF Datasheet
404Kb / 11P
0.1 to 3.8 GHz SP5T Antenna Switch
SKY13416-485LF SKYWORKS-SKY13416-485LF Datasheet
444Kb / 12P
0.1 to 3.8 GHz SP6T Antenna Switch
SKY13418-485LF SKYWORKS-SKY13418-485LF Datasheet
448Kb / 13P
0.1 to 3.8 GHz SP8T Antenna Switch
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
0.1 GHz to 18 GHz, GaAs SP4T Switch
10/2018-Rev. C to Rev. D
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
ADRF5345 AD-ADRF5345 Datasheet
1Mb / 11P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
12/2021-Revision 0
ADRF5347 AD-ADRF5347 Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
logo
Skyworks Solutions Inc.
SKYA21029 SKYWORKS-SKYA21029 Datasheet
400Kb / 11P
0.1 to 3.8 GHz SP4T Antenna Switch
July 10, 2017
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com