전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE1716 데이터시트 (PDF) - NTE Electronics

NTE1716 Datasheet PDF - NTE Electronics
부품명 NTE1716
다운로드  NTE1716 다운로드
파일 크기   22.66 Kbytes
페이지   3 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Reversible Motor Driver for VCR

NTE1716 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTE1716 Datasheet PDF - NTE Electronics

부품명 NTE1716
다운로드  NTE1716 Click to download

파일 크기   22.66 Kbytes
페이지   3 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Reversible Motor Driver for VCR

NTE1716 데이터시트 (HTML) - NTE Electronics


NTE1716 제품 세부 정보

Features:

• Supply Voltage Range: 6V to 18V

• Power Dissipation: 2200mW

• Output Motor Driving Current up to 1600mA

• Two Control Logic Inputs Allow Switching of Three Output States:

   Forward

   Reverse

   Braking

• Low Standby Current

• Adjustable Output Voltage Enables Motor Speed Control Using Control Pin Voltage

• Interfaces with CMOS Devices

• Built–In Components to Absorb Motor Rush Currents



Applications:

• Video Tape Recorders

• Cassette Tape Recorders



 




유사한 부품 번호 - NTE1716

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE171 NTE-NTE171 Datasheet
21Kb / 2P
Silicon NPN Transistor Audio/Video Amplifier
NTE1710 NTE-NTE1710 Datasheet
24Kb / 3P
Integrated Circuit Record/Playback Circuit for VCR
NTE1711 NTE-NTE1711 Datasheet
18Kb / 2P
Integrated Circuit 2 Head Recording Amp for VCR
NTE1712 NTE-NTE1712 Datasheet
21Kb / 2P
Integrated Circuit Record Video Signal Processor for VCR
NTE1713 NTE-NTE1713 Datasheet
20Kb / 2P
Integrated Circuit Line Noise Canceller for VCR
More results


유사한 설명 - NTE1716

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
Integrated Circuit Reversible Motor Driver
NTE1834 NTE-NTE1834 Datasheet
27Kb / 3P
Integrated Circuit Dual Reversible Motor Driver
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
Reversible motor driver
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
Reversible Motor Driver
logo
NTE Electronics
NTE1630 NTE-NTE1630 Datasheet
85Kb / 2P
Integrated Circuit VCR Cylinder Motor Driver
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
Reversible Motor Driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
REVERSIBLE MOTOR DRIVER
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com