전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX20323EVKIT 데이터시트 (PDF) - Maxim Integrated Products

부품명 MAX20323EVKIT
상세설명  2.5V to 5.5V Operating Voltage Range Power LED Reading
파일 크기   698.18 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20323EVKIT 데이터시트 (PDF) - Maxim Integrated Products



유사한 부품 번호 - MAX20323EVKIT

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX20323EENC+T* MAXIM-MAX20323EENC+T* Datasheet
603Kb / 13P
USB Type-C CC-Pin Overvoltage Protector
19-100074; Rev 3; 1/19
MAX20323ENC+T MAXIM-MAX20323ENC+T Datasheet
603Kb / 13P
USB Type-C CC-Pin Overvoltage Protector
19-100074; Rev 3; 1/19
More results


유사한 설명 - MAX20323EVKIT

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
logo
Shanghai Leiditech Elec...
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25P21T5 LEIDITECH-LP25P21T5 Datasheet
924Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25051T5 LEIDITECH-LP25051T5 Datasheet
903Kb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
logo
Maxim Integrated Produc...
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
MAX38889AEVKIT MAXIM-MAX38889AEVKIT Datasheet
602Kb / 9P
2.5V to 5.5V System Output Voltage Range
Rev 0; 4/21
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
logo
EHAOAN.
HS438 EHAOAN-HS438 Datasheet
1Mb / 8P
Supply voltage range: 2.5V~5.5V
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com