| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Fairchild Semiconductor |
FAN53541
|
1Mb / 15P |
2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
|
 ON Semiconductor |
FAN53526
|
1Mb / 25P |
Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1 |
|
FAN53200
|
785Kb / 16P |
Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2 |
|
FAN5355
|
1Mb / 27P |
1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7 |
|
FAN53202
|
1Mb / 21P |
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0 |
|
FAN53526
|
1Mb / 22P |
3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4 |
|
FAN53541
|
1Mb / 17P |
2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1 |
|
FAN53555
|
1Mb / 32P |
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3 |
 Allegro MicroSystems |
ARG81801
|
2Mb / 31P |
Wide Input Voltage, 2.4 MHz, 3.0 A Asynchronous Buck Regulator with Sleep Mode, External Synchronization, and POK Output
|
 ON Semiconductor |
FAN53527
|
690Kb / 21P |
Buck Regulator, 3.0 A
December, 2019 ??Rev. 0 |