전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCS18FRONT 데이터시트 (PDF) - Schurter Inc.

부품명 MCS18FRONT
상세설명  Membrane Switch Frontpanel Short Stroke 18 mm
파일 크기   390.42 Kbytes
Html View  1   2   3   4 
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS18FRONT 데이터시트 (PDF) - Schurter Inc.



유사한 부품 번호 - MCS18FRONT

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
More results


유사한 설명 - MCS18FRONT

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
MTG SCHURTER-MTG Datasheet
255Kb / 3P
Printmount Switch Short Stroke 12.7 mm
MCS19 SCHURTER-MCS19 Datasheet
638Kb / 6P
Metal Switch Short Stroke
LDT SCHURTER-LDT_V01 Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
LDT SCHURTER-LDT_V02 Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
04.01.2022
MCS16 SCHURTER-MCS16_V01 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS19 SCHURTER-MCS19_V02 Datasheet
647Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
MTG SCHURTER-MTG_V01 Datasheet
269Kb / 3P
Printmount Switch Short Stroke 12.7 mm
04.01.2022
SMS SCHURTER-SMS_V01 Datasheet
334Kb / 4P
Print and SMD Switch Short Stroke 11.4 mm
04.01.2022
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com