전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BGT24ATR11 데이터시트 (PDF) - Infineon Technologies AG

부품명 BGT24ATR11
상세설명  Silicon Germanium 24 GHz Transceiver MMIC
파일 크기   1909.97 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGT24ATR11 데이터시트 (PDF) - Infineon Technologies AG



유사한 부품 번호 - BGT24ATR11

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BGT24ATR12 INFINEON-BGT24ATR12 Datasheet
1Mb / 29P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-07-15
More results


유사한 설명 - BGT24ATR11

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BGT24MTR12 INFINEON-BGT24MTR12 Datasheet
1Mb / 28P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.2, 2014-07-15
BGT24MR2 INFINEON-BGT24MR2 Datasheet
1Mb / 25P
Silicon Germanium 24 GHz Twin IQ Receiver MMIC
Revision 3.1, 2014-03-25
BGT24MTR11 INFINEON-BGT24MTR11 Datasheet
1Mb / 27P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-03-25
BGT24AR2 INFINEON-BGT24AR2 Datasheet
1Mb / 25P
Silicon Germanium 24 GHz Twin IQ Receiver MMIC
Revision 3.0, 2013-06-26
BGA616 INFINEON-BGA616_11 Datasheet
254Kb / 9P
Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
BGT24AR4 INFINEON-BGT24AR4 Datasheet
2Mb / 23P
Silicon Germanium 24 GHz Quad Receiver MMIC
Revision 3.2, 2016-01-20
BGT24AT2 INFINEON-BGT24AT2 Datasheet
1Mb / 27P
Silicon Germanium 24 GHz Transmitter MMIC
Revision 3.2, 2016-01-20
BGT24ATR12 INFINEON-BGT24ATR12 Datasheet
1Mb / 29P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-07-15
logo
STMicroelectronics
STRADA431 STMICROELECTRONICS-STRADA431 Datasheet
163Kb / 6P
24 GHz Transceiver MMIC for Automotive Radar Sensor
09-May-2019
logo
Infineon Technologies A...
BGT24LTR11N16 INFINEON-BGT24LTR11N16_V01 Datasheet
446Kb / 14P
Silicon Germanium 24GHz Radar Transceiver MMIC
Revision: 1.3
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com