전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCP12700 데이터시트 (PDF) - ON Semiconductor

부품명 NCP12700
상세설명  Startup Regulator Circuit with 15 mA Capability
파일 크기   168.66 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP12700 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NCP12700

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
151Kb / 19P
Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
739Kb / 6P
Power Factor Controllers
Rev. 7, Sep-2006
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
371Kb / 23P
Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
January, 2024 - Rev. 7
NCP12711 ONSEMI-NCP12711 Datasheet
1Mb / 24P
Current Mode PWM Controller
April, 2022 - Rev. P0
More results


유사한 설명 - NCP12700

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX5019 MAXIM-MAX5019 Datasheet
328Kb / 14P
Current-Mode PWM Controllers with Integrated Startup Circuit
Rev 0; 7/01
logo
CIT Relay & Switch
CITR2 CIT-CITR2 Datasheet
253Kb / 2P
CIRCUIT BREAKER WITH ON/OFF CAPABILITY
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Infineon Technologies A...
TLE4252G INFINEON-TLE4252G Datasheet
348Kb / 12P
Low Dropout Tracking Regulator 250 mA output current capability
Rev. 1.0, 2008-05-09
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Sanken electric
SPF8201 SANKEN-SPF8201 Datasheet
657Kb / 19P
Built-in startup circuit
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
STMicroelectronics
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com