전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1616475 데이터시트 (PDF) - PHOENIX CONTACT

부품명 1616475
상세설명  Master cable, Application: Sensor/actuator box Plastic, Number of positions: 19, Slot assignment: Double, Status indication: No; Master cable connection: M23 plug connection, PUR/PVC, Cable length: 30 m, Shielding: No
파일 크기   87.47 Kbytes
Html View  1   2   3 
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1616475 데이터시트 (PDF) - PHOENIX CONTACT



유사한 부품 번호 - 1616475

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
1616 UTC-1616 Datasheet
39Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
logo
THOR communications
1616 THOR-1616 Datasheet
73Kb / 1P
Dead Blow Nylon Hammers
logo
List of Unclassifed Man...
1616 ETC2-1616 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
Infinite Electronics In...
1616 L-COM-1616 Datasheet
48Kb / 1P
CON, N-MALE R/A CRIMP LMR600
5/4/10
logo
Abbatron All Rights Res...
1616 ABBATRON-1616 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


유사한 설명 - 1616475

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
Connection honeycomb, Connection type: Screw mounting, Number of positions
1609039 PHOENIX-1609039 Datasheet
87Kb / 3P
Master cable, Application: Sensor/actuator box Plastic, Number of positions: 19, Slot assignment: Double, Status indication: No; Master cable connection: M23 plug connection, PUR/PVC, Cable length: 20 m, Shielding: No
1503328 PHOENIX-1503328 Datasheet
92Kb / 5P
Master cable ring - SACB- 4X0,34/ 3X0,75-50,0 PUR
1503357 PHOENIX-1503357 Datasheet
96Kb / 5P
Master cable ring - SACB- 8X0,5/ 3X1,0-50,0 PUR
1503360 PHOENIX-1503360 Datasheet
95Kb / 5P
Master cable ring - SACB-12X0,5/ 3X1,0-50,0 PUR
1517576 PHOENIX-1517576 Datasheet
90Kb / 5P
Master cable ring - SACB- 4X0,34/2X0,75-50 PUR
1517589 PHOENIX-1517589 Datasheet
103Kb / 5P
Master cable ring - SACB- 6X0,34/2X0,75-50 PUR
1517602 PHOENIX-1517602 Datasheet
94Kb / 5P
Master cable ring - SACB-10X0,34/2X0,75-50 PUR
1539350 PHOENIX-1539350 Datasheet
57Kb / 4P
Master cable ring - SACB-16X0,34/2X0,75-50 PUR
logo
Pepperl+Fuchs Inc.
V1-G-4M-PUR-V1-G PF-V1-G-4M-PUR-V1-G Datasheet
792Kb / 3P
Connection cable
2022-03-20
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com