전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TE0104A 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TE0104A
상세설명  Dual SAW Filter 1842.5 and 1960 MHz
파일 크기   436.41 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TE0104A 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



유사한 부품 번호 - TE0104A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TE0103A TAI-SAW-TE0103A Datasheet
236Kb / 5P
SAW Filter 479.5MHz TO-39
logo
Golledge Electronics Lt...
TE0103A GOLLEDGE-TE0103A Datasheet
192Kb / 4P
SAW Filter 479.50MHz (Two channel)
logo
TAI-SAW TECHNOLOGY CO.,...
TE0106A TAI-SAW-TE0106A Datasheet
562Kb / 9P
Dual SAW Filter 942.5 and 1842.5 MHz
TE0107A TAI-SAW-TE0107A Datasheet
466Kb / 6P
SAW Filter 479.5MHz SMD5X5mm
logo
Golledge Electronics Lt...
TE0107A GOLLEDGE-TE0107A Datasheet
237Kb / 5P
SAW Filter 479.50MHz
More results


유사한 설명 - TE0104A

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
856079 TRIQUINT-856079 Datasheet
466Kb / 7P
1842.5 MHz SAW Filter
856080 TRIQUINT-856080 Datasheet
451Kb / 7P
1960 MHz SAW Filter
856104 TRIQUINT-856104 Datasheet
457Kb / 6P
1960 MHz SAW Filter
856575 TRIQUINT-856575 Datasheet
584Kb / 7P
1842.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2001E RFM-SF2001E Datasheet
656Kb / 5P
1960 MHz SAW Filter
logo
TriQuint Semiconductor
855817 TRIQUINT-855817_15 Datasheet
1Mb / 6P
1960 MHz SAW Filter
855860 TRIQUINT-855860_15 Datasheet
515Kb / 5P
1842.5 MHz SAW Filter
856934 TRIQUINT-856934_15 Datasheet
361Kb / 6P
1842.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TE0106A TAI-SAW-TE0106A Datasheet
562Kb / 9P
Dual SAW Filter 942.5 and 1842.5 MHz
TE1842-947EC TAI-SAW-TE1842-947EC Datasheet
510Kb / 8P
Dual SAW Filter 947.5 and 1842.5 MHz
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com