전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM3407 데이터시트 (PDF) - Bookly Micro electronic

부품명 BM3407
상세설명  P-Channel 30V (D-S) 4A P-MOSFET
파일 크기   106.33 Kbytes
Html View  1   2   3   4   5 
제조업체  BOOKLY [Bookly Micro electronic]
홈페이지  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM3407 데이터시트 (PDF) - Bookly Micro electronic



유사한 부품 번호 - BM3407

제조업체부품명데이터시트상세설명
logo
Bookly Micro electronic
BM3401 BOOKLY-BM3401 Datasheet
202Kb / 5P
P-Channel 30V (D-S) 4.5A P-MOSFET
BM3406 BOOKLY-BM3406 Datasheet
214Kb / 7P
N-Channel Enhnancement Mode MOSFET
logo
List of Unclassifed Man...
BM34063 ETC-BM34063 Datasheet
78Kb / 7P
DC-DC CONVERTER
logo
Bookly Micro electronic
BM34063A BOOKLY-BM34063A Datasheet
197Kb / 7P
DC-DC CONVERTER
BM34063AGP BOOKLY-BM34063AGP Datasheet
197Kb / 7P
DC-DC CONVERTER
More results


유사한 설명 - BM3407

제조업체부품명데이터시트상세설명
logo
Analog Power
AM2329P ANALOGPOWER-AM2329P Datasheet
139Kb / 3P
P-Channel 30V (D-S) MOSFET
AM3455P ANALOGPOWER-AM3455P Datasheet
134Kb / 2P
P-Channel 30V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM8568CS TSC-TSM8568CS Datasheet
612Kb / 11P
N- and P-Channel 30V (D-S) Power MOSFET
logo
Bookly Micro electronic
BM3401 BOOKLY-BM3401 Datasheet
202Kb / 5P
P-Channel 30V (D-S) 4.5A P-MOSFET
logo
Leshan Radio Company
LP8104DT1AG LRC-LP8104DT1AG Datasheet
414Kb / 5P
30V P-Channel (D-S) MOSFET
LP3401ALT1G LRC-LP3401ALT1G Datasheet
852Kb / 3P
P-Channel 30V( D - S) MOSFET VDS =-30V
LPB3408LT1G LRC-LPB3408LT1G Datasheet
525Kb / 5P
30V P-Channel (D-S) MOSFET VDS = -30V
logo
First Silicon Co., Ltd
FTK2303 FS-FTK2303 Datasheet
369Kb / 4P
P-Channel 30V(D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4953 TUOFENG-4953 Datasheet
3Mb / 5P
Dual P-Channel -30V(D-S) MOSFET
Feb,2018 V1.0
logo
TECH PUBLIC Electronics...
APM4953 TECHPUBLIC-APM4953 Datasheet
1Mb / 5P
Dual P-Channel 30V (D-S) MOSFET
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com