전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDD05N50 데이터시트 (PDF) - Potens Semiconductor Corp.

부품명 PDD05N50
상세설명  500V N-Channel MOSFETs
파일 크기   476.45 Kbytes
Html View  1   2   3   4   5 
제조업체  POTENS [Potens Semiconductor Corp.]
홈페이지  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDD05N50 데이터시트 (PDF) - Potens Semiconductor Corp.



유사한 부품 번호 - PDD05N50

제조업체부품명데이터시트상세설명
logo
Potens Semiconductor Co...
PDD0744 POTENS-PDD0744 Datasheet
891Kb / 8P
100V NP Dual Channel MOSFETs
Ver.1.00
PDD0903 POTENS-PDD0903 Datasheet
935Kb / 5P
100V P-Channel MOSFETs
Ver.1.05
PDD0904 POTENS-PDD0904 Datasheet
419Kb / 5P
100V N-Channel MOSFETs
Ver.1.01
PDD0905 POTENS-PDD0905 Datasheet
488Kb / 5P
100V P-Channel MOSFETs
Ver.1.00
PDD0906 POTENS-PDD0906 Datasheet
419Kb / 5P
100V N-Channel MOSFETs
Ver.1.01
More results


유사한 설명 - PDD05N50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
N-Channel Power MOSFETs, 4.5A, 450V/500V
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
N-Channel Power MOSFETs, 12A, 450V/500V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
IRF440-443 FAIRCHILD-IRF440-443 Datasheet
150Kb / 5P
N-Channel Power MOSFETs, 8A, 450 V/500V
logo
Intersil Corporation
IRFR410 INTERSIL-IRFR410 Datasheet
55Kb / 7P
1.5A, 500V, 7.000 Ohm, N-Channel Power MOSFETs
July 1999
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
July 1999
logo
Shindengen Electric Mfg...
P5F50HP2F SHINDENGEN-P5F50HP2F Datasheet
1Mb / 8P
Power MOSFETs 500V, 5A, N-channel
logo
Thinki Semiconductor Co...
2SK2837 THINKISEMI-2SK2837 Datasheet
1Mb / 6P
THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
2SK4107 THINKISEMI-2SK4107 Datasheet
1Mb / 6P
THINKISEMI 15A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
K4108 THINKISEMI-K4108 Datasheet
1Mb / 6P
THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com