전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4102U3 데이터시트 (PDF) - Rohm

부품명 2SC4102U3
상세설명  High-voltage Amplifier Transistor (120V, 50mA)
파일 크기   1840.87 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SC4102U3 데이터시트 (PDF) - Rohm



유사한 부품 번호 - 2SC4102U3

제조업체부품명데이터시트상세설명
logo
Rohm
2SC4102U3 ROHM-2SC4102U3 Datasheet
1Mb / 11P
High-voltage Amplifier Transistor (120V, 50mA)
Rev.004
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 9P
High-voltage Amplifier Transistor (120V, 50mA)
Rev.003
2SC4102U3HZGT106R ROHM-2SC4102U3HZGT106R Datasheet
1Mb / 9P
High-voltage Amplifier Transistor (120V, 50mA)
Rev.003
2SC4102U3HZG ROHM-2SC4102U3HZG_V01 Datasheet
1Mb / 9P
High-voltage Amplifier Transistor (120V, 50mA)
Rev.003
More results


유사한 설명 - 2SC4102U3

제조업체부품명데이터시트상세설명
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
High-voltage Amplifier Transistor(120V, 50mA)
2SA1579 ROHM-2SA1579 Datasheet
79Kb / 4P
High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579 ROHM-2SA1579_13 Datasheet
367Kb / 8P
PNP -50mA -120V High-Voltage Amplifier Transistors
2SC4102 ROHM-2SC4102_13 Datasheet
358Kb / 8P
NPN 50mA 120V High Voltage Amplifier transistors
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V, -50mA)
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V,-50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com