전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U325-013-IND 데이터시트 (PDF) - Tripp Lite. All Rights Reserved

부품명 U325-013-IND
상세설명  USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 13 ft. (4 m) - IP67, Shielded, TAA
파일 크기   167.18 Kbytes
Html View  1   2   3 
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U325-013-IND 데이터시트 (PDF) - Tripp Lite. All Rights Reserved



유사한 부품 번호 - U325-013-IND

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
U325-010-IND TRIPPLITE-U325-010-IND Datasheet
167Kb / 3P
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 10 ft. (3 m) - IP67, Shielded, TAA
More results


유사한 설명 - U325-013-IND

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
Tripp Lite. All Rights ...
U325-000-IND TRIPPLITE-U325-000-IND Datasheet
167Kb / 3P
USB 3.0 Coupler, SuperSpeed, 3.0/3.1, Industrial - USB-A F/F, Shielded, IP67, Dust Cap, TAA
U325-003-IND TRIPPLITE-U325-003-IND Datasheet
165Kb / 3P
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 3 ft. (1 m) - IP67, Shielded, TAA
U325-006-IND TRIPPLITE-U325-006-IND Datasheet
167Kb / 3P
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 6 ft. (1.8 m) - IP67, Shielded, TAA
U325-010-IND TRIPPLITE-U325-010-IND Datasheet
167Kb / 3P
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 10 ft. (3 m) - IP67, Shielded, TAA
U320-006-BK TRIPPLITE-U320-006-BK Datasheet
166Kb / 3P
USB 3.0 SuperSpeed A/A Cable (M/M), Black, 6 ft.
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com