전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRF2501 데이터시트 (PDF) - Guerrilla RF, Inc.

부품명 GRF2501
상세설명  High Gain, Ultra-LNA 802.11ac: 4.9??.0 GHz
파일 크기   992.34 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2501 데이터시트 (PDF) - Guerrilla RF, Inc.



유사한 부품 번호 - GRF2501

제조업체부품명데이터시트상세설명
logo
Guerrilla RF, Inc.
GRF2501-W GUERRILLA-GRF2501-W Datasheet
1Mb / 17P
High Gain, Ultra-LNA 802.11ac: 4.9??.0 GHz
More results


유사한 설명 - GRF2501

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA2513-SM TRIQUINT-TGA2513-SM_15 Datasheet
613Kb / 12P
2 20 GHz LNA/Gain Block
QPL6202 TRIQUINT-QPL6202 Datasheet
777Kb / 8P
Ultra-Low Noise, High Gain LNA
logo
Guerrilla RF, Inc.
GRF2101 GUERRILLA-GRF2101 Datasheet
858Kb / 12P
High Gain, Ultra-LNA Tuning Range: 4.0 to 10.0 GHz
GRF2130 GUERRILLA-GRF2130 Datasheet
725Kb / 10P
Ultra-High Gain LNA Tuning Range: 0.7 to 3.8 GHz
GRF2171 GUERRILLA-GRF2171 Datasheet
725Kb / 11P
High Gain Ultra LNA Tuning Range: 2.5 to 5.0 GHz
GRF2501-W GUERRILLA-GRF2501-W Datasheet
1Mb / 17P
High Gain, Ultra-LNA 802.11ac: 4.9??.0 GHz
GRF2543 GUERRILLA-GRF2543 Datasheet
820Kb / 9P
High Gain, Ultra-LNA w/Bypass 802.11ac: 4.9??.0 GHz
logo
Qorvo, Inc
QPL6202Q QORVO-QPL6202Q Datasheet
769Kb / 8P
Ultra-Low Noise, High Gain LNA
logo
Guerrilla RF, Inc.
GRF2133 GUERRILLA-GRF2133 Datasheet
1,004Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
05/28/21
GRF2133W GUERRILLA-GRF2133W Datasheet
1,010Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
1/26/23
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com