전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

12VR1H15F3N103A3 데이터시트 (PDF) - CTS Corporation

부품명 12VR1H15F3N103A3
상세설명  12mm Panel Potentiometer w/Illuminated Shaft
파일 크기   847.18 Kbytes
Html View  1   2   3   4   5   6   7 
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

12VR1H15F3N103A3 데이터시트 (PDF) - CTS Corporation



유사한 부품 번호 - 12VR1H15F3N103A3

제조업체부품명데이터시트상세설명
logo
Advanced Energy Industr...
12V ADVANCEDENERGY-12V Datasheet
540Kb / 7P
Single Output
logo
Norgren Ltd
12V0 NORGREN-12V0 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
logo
Coolgear Inc.
12V7A2P-A COOLGEAR-12V7A2P-A Datasheet
381Kb / 2P
12V 6A Power Supply for 2 Pin USB Hub Power A
12V7A2P-B COOLGEAR-12V7A2P-B Datasheet
391Kb / 2P
70w 12V/6A Power Supply for 2 Pin USB Hub Power B
12V7A3P-A COOLGEAR-12V7A3P-A Datasheet
182Kb / 2P
12V 7A Power Supply for 3 Pin USB Hub Power A
More results


유사한 설명 - 12VR1H15F3N103A3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
12mm Size Insulated Shaft Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
RK39A ALPS-RK39A Datasheet
143Kb / 2P
39mm LED Illuminated Potentiometer
logo
Bi technologies
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
Bourns Electronic Solut...
PTP90 BOURNS-PTP90 Datasheet
293Kb / 2P
PTP90 Series Panel Control w/Push Latching Shaft
logo
ALPS ELECTRIC CO.,LTD.
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
12mm Size Insulated Shaft Type
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
Power Panel 6 W Potentiometer
04-Jul-17
logo
CIT Relay & Switch
FHN2BBG CIT-FHN2BBG Datasheet
192Kb / 5P
Illuminated Pushbutton - 12mm
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
Power Panel 6 W Potentiometer
12-Dec-2018
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com