| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Hubbell Incorporated. |
5307
|
366Kb / 1P |
Rod, Expanding/Cross-Plate Anchor, 1/2in X 7ft Thimbleye
|
|
C1100138
|
362Kb / 1P |
Anchor, Extension, SS175, X 7ft
|
|
C1021986
|
368Kb / 1P |
Anchor, PISA Rod, 1in X 7ft 50 kip rating, 1in threads
|
|
012690AEJ
|
367Kb / 1P |
Anchor, Lead, Round Rod,8/10/12 X 7ft
|
|
012690AE
|
366Kb / 1P |
Anchor, Lead, Round Rod, 8/10 X 7ft
|
|
12334P
|
367Kb / 1P |
Anchor, PISA Rod, 1in X 7ft, 1in threads
|
|
V1090006
|
366Kb / 1P |
Anchor, Lead, Round Rod 10 X 7ft
|
|
E1020053
|
372Kb / 1P |
Anchor, PISA Rod, 1in X 7ft Tripleye, 1in threads
|
|
E1020045
|
372Kb / 1P |
Anchor, PISA Rod, 1in X 7ft Twineye, 1in threads
|
|
E1020037
|
370Kb / 1P |
Anchor, PISA Rod, 1in X 7ft Thimbleye, 1in threads
|