| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
1007361C
|
113Kb / 2P |
METER SOCKET INSTR RATED 20A 8T
|
|
1009444
|
84Kb / 2P |
MTR SKT 320A 1PH HCP
|
|
UATRS213B
|
132Kb / 2P |
MTR SKT RINGLESS OH/UG 200A ALUM.ENCL.
|
|
UGHTRS111C
|
137Kb / 2P |
MTR SKT 100A 1PH OH/UG HORN RINGLESS HCP
Mar 26, 2020 |
|
USTS131C
|
107Kb / 2P |
METER SOCKET INSTR RATED 13 TERM 20A HCP
Mar 26, 2020 |
|
UT3H72353UHL
|
57Kb / 2P |
MTR SKT 3G 200A 7-TERMINAL LEVER BYPASS
Mar 26, 2020 |
|
UTH7210B
|
56Kb / 2P |
MTR SKT RINGLESS LEVER OH/UG 200A 3PH
|
|
UTH7300T
|
83Kb / 2P |
MTR SKT RINGLESS LEVER 3PH4W OH 320A
Mar 26, 2020 |
 Murata Manufacturing Co... |
BNX022-01
|
371Kb / 4P |
Large rated current (20A)
08/24/2022 |
|
BNX028-01
|
316Kb / 4P |
Large rated current (20A)
08/24/2022 |