| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
1004710E
|
116Kb / 2P |
METER SOCKET 200A 1PH HCP
Mar 26, 2020 |
|
1009788A
|
81Kb / 2P |
METER SOCKET LEVER 320A 1PH HCP
|
|
UH4213C
|
110Kb / 2P |
METER SOCKET 200A 1PH HCP
Mar 26, 2020 |
|
UH7213C
|
107Kb / 2P |
METER SOCKET 200A 3PH HCP
Mar 26, 2020 |
|
UHTRS233C
|
110Kb / 2P |
METER SOCKET RINGLESS HORN 200A 1PH HCP
|
|
UHTTRS213C
|
145Kb / 2P |
METER SOCKET RINGLESS HORN HCP 200A
|
|
UTH4213C
|
57Kb / 2P |
METER SOCKET RINGLESS LEVER HCP 200A
Mar 26, 2020 |
|
UTH5213B
|
97Kb / 2P |
METER SOCKET RINGLESS LEVER 5T OH/UG 200A HCP
Mar 26, 2020 |
|
UTH7213C
|
57Kb / 2P |
METER SOCKET RINGLESS 200A LEVER HCP
Mar 26, 2020 |
|
UTRS233C
|
110Kb / 2P |
METER SOCKET RINGLESS OH/UG 200A 1PH OFFSET HCP
|