전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTHL160N120SC1 데이터시트 (PDF) - ON Semiconductor

부품명 NTHL160N120SC1
상세설명  MOSFET - SiC Power, Single N-Channel 1200 V, 160 m, 17 A
파일 크기   236.88 Kbytes
Html View  1   2   3   4   5   6   7 
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHL160N120SC1 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NTHL160N120SC1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTHL160N120SC1 ONSEMI-NTHL160N120SC1 Datasheet
303Kb / 7P
Silicon Carbide (SiC) MOSFET – 20 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 2
NTHL160N120SC1 ONSEMI-NTHL160N120SC1 Datasheet
306Kb / 7P
Silicon Carbide (SiC) MOSFET – 160 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 3
NTHL160N120SC1 ONSEMI-NTHL160N120SC1 Datasheet
308Kb / 7P
Silicon Carbide (SiC) MOSFET – EliteSiC, 160 mohm, 1200V, M1, TO-247-3L
January, 2023 - Rev. 4
NTHL160N120SC1 ONSEMI-NTHL160N120SC1 Datasheet
304Kb / 7P
Silicon Carbide (SiC) MOSFET – EliteSiC, 20mohm, 1200V, M1, TO-247-3L
January, 2023 - Rev. 3
NTHL160N120SC1 ONSEMI-NTHL160N120SC1_V01 Datasheet
306Kb / 7P
Silicon Carbide (SiC) MOSFET – 160 mohm, 1200V, M1, TO-247-3L
May, 2022 - Rev. 3
More results


유사한 설명 - NTHL160N120SC1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTHL080N120SC1 ONSEMI-NTHL080N120SC1 Datasheet
374Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 4
NTH4L020N120SC1 ONSEMI-NTH4L020N120SC1 Datasheet
283Kb / 8P
MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 20 m, 102 A
April, 2020 ??Rev. 2
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1 Datasheet
282Kb / 8P
MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 40 m, 58 A
April, 2020 ??Rev. 1
NTH4L160N120SC1 ONSEMI-NTH4L160N120SC1 Datasheet
277Kb / 8P
MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 160 m, 17.3 A
April, 2020 ??Rev. 2
NTHL040N120SC1 ONSEMI-NTHL040N120SC1 Datasheet
242Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 40 m, 60 A
April, 2020 ??Rev. 1
NVH4L160N120SC1 ONSEMI-NVH4L160N120SC1 Datasheet
277Kb / 8P
MOSFET - SiC Power, Single N-Channel, TO247-4L 1200 V, 160 m, 17.3 A
April, 2020 ??Rev. 2
NVHL040N120SC1 ONSEMI-NVHL040N120SC1 Datasheet
246Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 40 m, 60 A
April, 2020 ??Rev. 1
NVHL160N120SC1 ONSEMI-NVHL160N120SC1 Datasheet
240Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 160 m, 17 A
March, 2020 ??Rev. 0
NTHL080N120SC1A ONSEMI-NTHL080N120SC1A Datasheet
288Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 1
NTBG160N120SC1 ONSEMI-NTBG160N120SC1 Datasheet
245Kb / 8P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 1200 V, 160 m, 19.5 A
February, 2020 ??Rev. 0
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com