전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PT-2060PQ 데이터시트 (PDF) - Mallory Sonalert Products Inc

부품명 PT-2060PQ
상세설명  Resonant Frequency (Hz) 6000 짹 500
파일 크기   86.77 Kbytes
Html View  1 
제조업체  MSPI [Mallory Sonalert Products Inc]
홈페이지  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PT-2060PQ 데이터시트 (PDF) - Mallory Sonalert Products Inc



유사한 부품 번호 - PT-2060PQ

제조업체부품명데이터시트상세설명
logo
Mallory Sonalert Produc...
PT-2060FWQ MSPI-PT-2060FWQ Datasheet
87Kb / 1P
Sound Pressure Level Min. (dB) 85 at 30cm at Rated Voltage
PT-2060WQ MSPI-PT-2060WQ Datasheet
86Kb / 1P
Resonant Frequency (Hz) 6000 짹 500
More results


유사한 설명 - PT-2060PQ

제조업체부품명데이터시트상세설명
logo
Mallory performance clu...
PT-2726WQ MALLORY-PT-2726WQ Datasheet
326Kb / 2P
Resonant Frequency (Hz) 2500 짹 500
logo
Mallory Sonalert Produc...
PT-1245P-PQ MSPI-PT-1245P-PQ Datasheet
94Kb / 1P
Resonant Frequency (Hz) 4000 짹 500
PT-1520PQ MSPI-PT-1520PQ Datasheet
105Kb / 1P
Resonant Frequency (Hz) 2000 짹 500
PT-1540PM-P3.5Q MSPI-PT-1540PM-P3.5Q Datasheet
88Kb / 1P
Resonant Frequency (Hz) 4000 짹 500
PT-2020PQ MSPI-PT-2020PQ Datasheet
87Kb / 1P
Resonant Frequency (Hz) 2000 짹 500
PT-2030P-PQ MSPI-PT-2030P-PQ Datasheet
105Kb / 1P
Resonant Frequency (Hz) 2000 짹 500
PT-2060WQ MSPI-PT-2060WQ Datasheet
86Kb / 1P
Resonant Frequency (Hz) 6000 짹 500
PT-2725PQ MSPI-PT-2725PQ Datasheet
88Kb / 1P
Resonant Frequency (Hz) 2500 짹 500
PT-3110P-05Q MSPI-PT-3110P-05Q Datasheet
100Kb / 1P
Resonant Frequency (Hz) 1100 짹 500
PT-3110WQ MSPI-PT-3110WQ Datasheet
88Kb / 1P
Resonant Frequency (Hz) 1100 짹 500
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com