전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC1D25BL 데이터시트 (PDF) - Schneider Electric

부품명 LC1D25BL
상세설명  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
파일 크기   167.1 Kbytes
Html View  1   2   3   4   5 
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D25BL 데이터시트 (PDF) - Schneider Electric



유사한 부품 번호 - LC1D25BL

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D25B7 SCHNEIDER-LC1D25B7 Datasheet
137Kb / 5P
TeSys D IEC contactor, 25 A, 3 P, 15 HP at 480 VAC, nonreversing, 24 V 50/60 Hz coil
Jan 4, 2021
LC1D25BD SCHNEIDER-LC1D25BD Datasheet
167Kb / 5P
TeSys D IEC contactor, 25 A, 3 P, 15 HP at 480 VAC, nonreversing, 24 VDC coil
Jan 4, 2021
LC1D25BD SCHNEIDER-LC1D25BD_V01 Datasheet
76Kb / 2P
TeSys D IEC Contactor - 25A - Vdc Coil
11/29/2012
LC1D25BNE SCHNEIDER-LC1D25BNE Datasheet
124Kb / 4P
TeSys D contactor 3P 25A AC-3 up to 440V coil 24-60V AC/DC
Jan 4, 2021
More results


유사한 설명 - LC1D25BL

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D25CD SCHNEIDER-LC1D25CD Datasheet
149Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 36 V DC coil
Jan 4, 2021
LC1D25R7 SCHNEIDER-LC1D25R7 Datasheet
146Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
Jan 4, 2021
LC1D253B7 SCHNEIDER-LC1D253B7 Datasheet
119Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V AC coil
Jan 4, 2021
LC1D253BD SCHNEIDER-LC1D253BD Datasheet
157Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
Jan 4, 2021
LC1D253BL SCHNEIDER-LC1D253BL Datasheet
157Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
Jan 4, 2021
LC1D253R7 SCHNEIDER-LC1D253R7 Datasheet
119Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
Jan 4, 2021
LC1D256B7 SCHNEIDER-LC1D256B7 Datasheet
145Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V AC coil
Jan 4, 2021
LC1D256BD SCHNEIDER-LC1D256BD Datasheet
149Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
Jan 4, 2021
LC1D256BL SCHNEIDER-LC1D256BL Datasheet
149Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
Jan 4, 2021
LC1D256R7 SCHNEIDER-LC1D256R7 Datasheet
145Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
Jan 4, 2021
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com