| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Cree, Inc |
CMPA801B025
|
2Mb / 14P |
25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 3.2 |
|
CMPA801B025D
|
439Kb / 7P |
25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0 |
|
CMPA901A020S
|
1Mb / 15P |
9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier
|
|
CMPA3135060S
|
1Mb / 16P |
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
|
 Qorvo, Inc |
QPA1010D
|
1Mb / 26P |
7.9 ??11.0 GHz 15 W GaN Power Amplifier
April 2, 2021 |
|
QPA1011D
|
982Kb / 26P |
7.9 ??11.0 GHz 25 W GaN Power Amplifier
May 2021 |
 WOLFSPEED, INC. |
CMPA801B030S
|
4Mb / 17P |
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15 |
|
CMPA901A020S
|
1Mb / 15P |
9.0 - 10.0 GHz, 20 W, Packaged GaN MMIC Power Amplifier
Rev 0.0 September 2020 |
|
CMPA901A035F
|
1Mb / 22P |
35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2021 |
|
CMPA9396025S
|
2Mb / 16P |
9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-23 |