전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTMFS6H818NL 데이터시트 (PDF) - ON Semiconductor

부품명 NTMFS6H818NL
상세설명  MOSFET - Power, Single N-Channel 80 V, 3.2 m, 135 A
파일 크기   136.45 Kbytes
Html View  1   2   3   4   5   6 
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS6H818NL 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NTMFS6H818NL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
NTMFS6H800NT1G ONSEMI-NTMFS6H800NT1G Datasheet
141Kb / 6P
MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
NTMFS6H801N ONSEMI-NTMFS6H801N Datasheet
181Kb / 6P
MOSFET ??Power, Single, N-Channel
June, 2019 ??Rev. 2
NTMFS6H801NL ONSEMI-NTMFS6H801NL Datasheet
136Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 2.7 m, 160 A
March, 2020 ??Rev. 0
NTMFS6H801NLT1G ONSEMI-NTMFS6H801NLT1G Datasheet
136Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 2.7 m, 160 A
March, 2020 ??Rev. 0
More results


유사한 설명 - NTMFS6H818NL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NTMFSC011N08M7 ONSEMI-NTMFSC011N08M7 Datasheet
304Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2
NTMTS1D2N08H ONSEMI-NTMTS1D2N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A
July, 2020 - Rev. 1
NTMTS1D5N08H ONSEMI-NTMTS1D5N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.5 m, 255 A
July, 2020 ??Rev. 1
NTMTS6D0N15MC ONSEMI-NTMTS6D0N15MC Datasheet
334Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 6.4 m, 135 A
January, 2021-Rev. 1
NVTFS6H854NL ONSEMI-NVTFS6H854NL Datasheet
279Kb / 8P
MOSFET - Power, Single N-Channel 80 V, 13.4 m, 41 A
November, 2020-Rev. 1
NVTFS6H888N ONSEMI-NVTFS6H888N Datasheet
210Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 55 m, 13 A
June, 2020 ??Rev. 1
NTMFS3D5N08X ONSEMI-NTMFS3D5N08X Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3 m, 135 A
November, 2023 - Rev. 1
NVMFWS3D0N08X ONSEMI-NVMFWS3D0N08X Datasheet
165Kb / 8P
MOSFET - Power, Single N-Channel STD Gate, SO8FL 80 V, 3 m, 135 A
October, 2023 - Rev. 0
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com