| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Fairchild Semiconductor |
FDMC86570L
|
352Kb / 7P |
N-Channel Shielded Gate PowerTrench MOSFET 60 V, 56 A, 4.3 m
|
 ON Semiconductor |
NTDS015N15MC
|
148Kb / 6P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 15 m, 50 A
May, 2020 ??Rev. 2 |
|
NTMFS015N15MC
|
231Kb / 8P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 14 m, 61 A
May, 2020 ??Rev. 1 |
|
NTMFS034N15MC
|
223Kb / 8P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0 |
|
NTP5D0N15MC
|
151Kb / 6P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1 |
|
NTP7D3N15MC
|
147Kb / 6P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0 |
|
FDP2D9N12C
|
306Kb / 7P |
MOSFET - N-Channel, Shielded Gate PowerTrench 120 V, 2.95 m, 181 A
October, 2019 ??Rev. 1 |
|
NTMFS7D5N15MC
|
281Kb / 9P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.9 m, 95.6 A
January, 2021-Rev. 1 |
|
NTTFS034N15MC
|
329Kb / 7P |
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 150 V, 31 m, 27 A
October, 2020-Rev. 0 |
|
FDB2532-F085
|
1Mb / 15P |
MOSFET – N-Channel, POWERTRENCH 150 V, 79 A, 16 m
May, 2020 - Rev. 2 |