| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
RXM2AB1P7
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button 230 V AC
Aug 4, 2021 |
|
RPM21P7
|
207Kb / 6P |
Harmony, Power plug-in relay, 15 A, 2 CO, with lockable test button, 230 V AC
Aug 5, 2021 |
|
RXG11P7
|
271Kb / 7P |
Harmony, Interface plug-in relay, 10 A, 1 CO, with lockable test button, 230 V AC
Aug 9, 2021 |
|
RXG21B7
|
272Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with lockable test button, 24 V AC
Aug 11, 2021 |
|
RXG21E7
|
272Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with lockable test button, 48 V AC
Aug 11, 2021 |
|
RXG21F7
|
272Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with lockable test button, 120 V AC
Aug 11, 2021 |
|
RXG21M7
|
272Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with lockable test button, 220 V AC
Aug 11, 2021 |
|
RUMC21P7
|
189Kb / 7P |
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 230 V AC
Aug 12, 2021 |
|
RXG22M7
|
275Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with LED, with lockable test button, 220 V AC
Aug 11, 2021 |
|
RXG22P7
|
275Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with LED, with lockable test button, 230 V AC
Aug 11, 2021 |