| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Monolithic Power System... |
MP24893
|
237Kb / 12P |
Step Down White LED Driver with Wide 6V-to-36V Input Voltage
|
 Maxim Integrated Produc... |
MAXM15467
|
747Kb / 10P |
Wide 4.5V to 36V Input Range
Rev 0; 3/19 |
|
MAX17233EVKIT
|
899Kb / 14P |
6V to 36V, 15A power supply
Rev 0; 2/16 |
|
MAX17231EVKIT
|
1,021Kb / 11P |
3.5V to 36V Wide Input Supply Range
Rev 0; 5/17 |
|
MAX20048EVKIT
|
99Kb / 2P |
2V to 36V Input Supply Range
|
|
MAX25231EVKIT
|
1Mb / 6P |
3.5V to 36V Input Supply Range
Rev 0; 11/20 |
|
MAX14571EVKIT
|
605Kb / 11P |
6V to 36V Operating Voltage Range
Rev 0; 8/13 |
|
MAX40204EVKIT
|
396Kb / 6P |
Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20 |
|
MAX25232EVKIT
|
1Mb / 6P |
3.5V to 36V Input Supply Range
2020 |
|
MAX16923EVKIT
|
1Mb / 7P |
6V to 18V Input Supply Voltage Range
2010 |