전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0648B 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0648B
상세설명  750 MHz SMD 3.8 x 3.8 mm SAW Resonator
파일 크기   394.29 Kbytes
Html View  1   2   3   4   5   6 
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0648B 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



유사한 부품 번호 - TC0648B

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648A TAI-SAW-TC0648A Datasheet
377Kb / 6P
SAW Resonator 750MHz (SMD 3.8횞3.8mm)
More results


유사한 설명 - TC0648B

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8180 AD-AD8180 Datasheet
253Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV.B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
logo
TAI-SAW TECHNOLOGY CO.,...
TC0629A TAI-SAW-TC0629A Datasheet
160Kb / 6P
1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Murata Manufacturing Co...
SF2146D MURATA-SF2146D Datasheet
275Kb / 4P
3.8 X 3.8 X 1.0 mm Surface Mount Case
logo
TAI-SAW TECHNOLOGY CO.,...
TA2655A TAI-SAW-TA2655A Datasheet
376Kb / 6P
916 MHz 0.65MHz BW SMD 3.8 x 3.8 mm SAW RF Filter
TB1306A TAI-SAW-TB1306A Datasheet
342Kb / 7P
247.45MHz 0.3MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1332A TAI-SAW-TB1332A Datasheet
398Kb / 8P
896.1MHz 0.125MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1333A TAI-SAW-TB1333A Datasheet
398Kb / 8P
935.1MHz 0.125MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1344A TAI-SAW-TB1344A Datasheet
442Kb / 8P
149.64MHz 48MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
logo
Transko Electronics, In...
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com