전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0663A 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0663A
상세설명  1568.979 MHz SMD 3.0 x 3.0 mm SAW Resonator
파일 크기   413.55 Kbytes
Html View  1   2   3   4   5   6   7 
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0663A 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



유사한 부품 번호 - TC0663A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0660A TAI-SAW-TC0660A Datasheet
241Kb / 6P
SAW Resonator 737.5345MHz (SMD 3.0횞3.0mm)
TC0661A TAI-SAW-TC0661A Datasheet
233Kb / 6P
SAW Resonator 314.68MHz (SMD 3.0횞3.0mm)
TC0666A TAI-SAW-TC0666A Datasheet
429Kb / 6P
345 MHz SMD 5.0 x 3.5 mm SAW Resonator
TC0667A TAI-SAW-TC0667A Datasheet
465Kb / 6P
SAW Resonator 363.281 MHz SMD 3.8x3.8mm
TC0668A TAI-SAW-TC0668A Datasheet
434Kb / 6P
SAW Resonator 610.658 MHz
More results


유사한 설명 - TC0663A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
SAW Filter 1960MHz SMD 3.0 mm SQ
TA0652A TAI-SAW-TA0652A Datasheet
330Kb / 7P
SAW Filter 1932.5MHz SMD 3.0 mm
TA0653A TAI-SAW-TA0653A Datasheet
323Kb / 7P
SAW Filter 2120MHz SMD 3.0 mm
TA0763A TAI-SAW-TA0763A Datasheet
222Kb / 7P
SAW FILTER 1842.5 MHz SMD 3.0 SQ
TA0229A TAI-SAW-TA0229A Datasheet
142Kb / 7P
SAW Filter 2157.5 MHz 35MHz Bw SMD 3.0 x 3.0 mm
TA0229B TAI-SAW-TA0229B Datasheet
401Kb / 7P
SAW Filter 2157.5 MHz 35MHz Bw SMD 3.0 x 3.0 mm
TA0166B TAI-SAW-TA0166B Datasheet
725Kb / 7P
SAW Filter 881.5 MHz 25 MHz Bw SMD 3.0 x 3.0 mm
TA2565A TAI-SAW-TA2565A Datasheet
339Kb / 7P
380MHz 8MHz BW SMD 3.0 x 3.0 mm SAW RF Filter
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
750 MHz SMD 3.8 x 3.8 mm SAW Resonator
TC0666A TAI-SAW-TC0666A Datasheet
429Kb / 6P
345 MHz SMD 5.0 x 3.5 mm SAW Resonator
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com