전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTLUS020N03C 데이터시트 (PDF) - ON Semiconductor

부품명 NTLUS020N03C
상세설명  MOSFET ??Power, Single, N-Channel, Cool, UDFN6, 1.6x1.6x0.55 mm 30 V, 13 m, 8.2 A
파일 크기   205.8 Kbytes
Html View  1   2   3   4   5   6   7   8 
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUS020N03C 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NTLUS020N03C

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTLUS029N06T6 ONSEMI-NTLUS029N06T6 Datasheet
134Kb / 6P
Power MOSFET 60 V, 7 A, 29 m, Single N?묬hannel
August, 2018 ??Rev. 0
NTLUS029N06T6TAG ONSEMI-NTLUS029N06T6TAG Datasheet
134Kb / 6P
Power MOSFET 60 V, 7 A, 29 m, Single N?묬hannel
August, 2018 ??Rev. 0
More results


유사한 설명 - NTLUS020N03C

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTLUS3192PZ ONSEMI-NTLUS3192PZ Datasheet
159Kb / 6P
Power MOSFET ??0 V, ??.2 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
May, 2009 ??Rev. P3
NTLUS4195PZ ONSEMI-NTLUS4195PZ Datasheet
180Kb / 6P
Power MOSFET ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
June, 2009 ??Rev. 0
NTHS4166N ONSEMI-NTHS4166N Datasheet
90Kb / 6P
Power MOSFET 30 V, 8.2 A, Single N-Channel, ChipFET Package
December, 2007 - Rev. 0
logo
Fairchild Semiconductor
FDMA7630 FAIRCHILD-FDMA7630 Datasheet
219Kb / 6P
Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 13 m廓
logo
ON Semiconductor
NTLUS4930N-D ONSEMI-NTLUS4930N-D Datasheet
125Kb / 7P
Power MOSFET 30 V, 6.1 A, Single N?묬hannel 2.0x2.0x0.55 mm Cool UDFN6 Package
February, 2013 ??Rev. 1
NTLUS4930NTAG ONSEMI-NTLUS4930NTAG Datasheet
125Kb / 7P
Power MOSFET 30 V, 6.1 A, Single N?묬hannel, 2.0x2.0x0.55 mm Cool UDFN6 Package
February, 2013 ??Rev. 1
NTLUS030N03C ONSEMI-NTLUS030N03C Datasheet
205Kb / 8P
MOSFET ??Power, Single, N-Channel, Cool, UDFN6, 1.6x1.6x0.55 mm 30 V, 18 m, 6.9 A
May, 2019 ??Rev. 2
NVTFS6H888N ONSEMI-NVTFS6H888N Datasheet
210Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 55 m, 13 A
June, 2020 ??Rev. 1
NVLJWS013N03CL ONSEMI-NVLJWS013N03CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 30 V, 13 m, 35 A
June, 2022 - Rev. 1
NVTFS070N10MCL ONSEMI-NVTFS070N10MCL Datasheet
263Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 65 m, 13 A
February, 2022 - Rev. 0
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com