| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
XB4FG41
|
152Kb / 5P |
Selector switch, Harmony XB4, flush mount sw 횠 30.5 key 455 2pos stay put key release left right 1 NO
Sep 29, 2021 |
|
XB4FKCUST01
|
106Kb / 1P |
FLUSH ILL SW GR 2POS 24V 1NO 1NC
Sep 29, 2021 |
|
XB4FKCUST02
|
106Kb / 1P |
FLUSH ILL SW GR 2POS 230V 1NO 1NC
Sep 29, 2021 |
|
ZB4FACUST01
|
76Kb / 1P |
FLUSH WH CAPS PB HEAD
Oct 8, 2021 |
|
ZB4FLCUST01
|
80Kb / 1P |
FLUSH WH PROJECTING PB HEAD
Oct 8, 2021 |
|
ZB4FLCUST02
|
74Kb / 1P |
FLUSH WH PROJECTING PB HEAD WH MARKED O
Oct 8, 2021 |
|
ZB4FD3
|
187Kb / 14P |
Head for selector switch, Harmony XB4, flush mounted black 3 position stay put
Oct 18, 2021 |
|
ZB4FD204
|
198Kb / 15P |
Head for selector switch, Harmony XB4, flush mounted red 2 position stay put
Oct 13, 2021 |
|
ZB4FD206
|
197Kb / 15P |
Head for selector switch, Harmony XB4, flush mounted blue 2 position stay put
Oct 18, 2021 |
|
ZB4FDCUST01
|
85Kb / 1P |
FLUSH SW BK 2POS STAY PUT
Oct 18, 2021 |