전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XB5KSB 데이터시트 (PDF) - Schneider Electric

부품명 XB5KSB
상세설명  continuous or intermittent buzzer 24v ac/dc
파일 크기   128.77 Kbytes
Html View  1   2   3   4   5 
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XB5KSB 데이터시트 (PDF) - Schneider Electric



유사한 부품 번호 - XB5KSB

제조업체부품명데이터시트상세설명
logo
Suzhou Saixin Electroni...
XB5353A XYSEMI-XB5353A Datasheet
1Mb / 12P
One Cell Lithium-ion/Polymer Battery Protection IC
REV0.4
XB5608 XYSEMI-XB5608 Datasheet
1Mb / 12P
One Cell Lithium-ion/Polymer Battery Protection IC
REV0.3
XB5608A XYSEMI-XB5608A Datasheet
1Mb / 12P
One Cell Lithium-ion/Polymer Battery Protection IC
REV0.3
logo
Schneider Electric
XB5AA11 SCHNEIDER-XB5AA11 Datasheet
163Kb / 5P
Harmony XB5, Push button, plastic, flush, white, 횠22, spring return, unmarked, 1 NO
May 24, 2021
XB5AA11C0 SCHNEIDER-XB5AA11C0 Datasheet
162Kb / 5P
Push button, Harmony XB5, pushbutton, white, 1 NO, spring return cp grey
May 24, 2021
More results


유사한 설명 - XB5KSB

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
P6100 AXIOMTEK-P6100_16 Datasheet
420Kb / 2P
Supports full range screw-type (locked) AC-in or 24V DC-in
logo
Delta Electronics, Inc.
PACSR24012 DELTA-PACSR24012 Datasheet
785Kb / 7P
24V Output AC/DC Converter, Module Package
PACSR24021 DELTA-PACSR24021 Datasheet
778Kb / 7P
24V Output AC/DC Converter, Module Package
logo
NTE Electronics
57-24D-500-3 NTE-57-24D-500-3 Datasheet
777Kb / 1P
24V AC-DC Switching Regulated Power Supply
logo
PHOENIX CONTACT
2700136 PHOENIX-2700136 Datasheet
135Kb / 5P
Buzzer element, continuous/pulse tone, 24 V AC/DC, max. 85 dB(A)
logo
BELIMO AIRCONTROLS (USA...
NFX24 BELIMO-NFX24 Datasheet
621Kb / 3P
On/Off, Spring Return, AC/DC 24v
logo
Weidmuller
1351580000 WEIDMULLER-1351580000 Datasheet
546Kb / 5P
VPU III R 24V/4KV AC/DC
logo
Schneider Electric
BMXDAI1602 SCHNEIDER-BMXDAI1602 Datasheet
248Kb / 6P
discrete input module X80 - 16 inputs - 24V AC/DC positive or negative
Apr 18, 2022
BMXDAI1602H SCHNEIDER-BMXDAI1602H Datasheet
234Kb / 6P
discrete input module X80 - 16 inputs - 24V AC/DC positive or negative - severe
Apr 18, 2022
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com